Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF3E107(1)010(3)0300 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TF3E107(1)010(3)0300
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF3E107(1)010(3)0300 Datasheet(HTML) 1 Page - Vishay Siliconix

  TF3E107(1)010(3)0300 Datasheet HTML 1Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 2Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 3Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 4Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 5Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 6Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 7Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 8Page - Vishay Siliconix TF3E107(1)010(3)0300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TF3
www.vishay.com
Vishay Sprague
Revision: 13-Sep-16
1
Document Number: 40113
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Chip Capacitors
TANTAMOUNT™, Molded Case, Built-In-Fuse
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
www.vishay.com/doc?40192
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.47 μF to 470 μF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
FEATURES
•Low ESR
• 100 % surge current tested
• High ripple current carrying capability
• Terminations: 100 % matte tin standard
• Molded case available in three case codes
• Compliant terminations
• Compatible with “high volume” automatic pick and place
equipment
• Meets EIA-535-BAAC
mechanical
and performance
requirements
• Moisture sensitivity level 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Industrial
• Medical
•Computing
• Telecom infrastructure
• General purpose
Notes
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
Low ESR solid tantalum chip capacitors allow
ESR of 1.25 times the datasheet limit after mounting.
• Dry pack as specified in J-STD-033 for MSL3. Applicable for D and E cases only.
ORDERING INFORMATION
TF3
E
477
M
004
E
0500
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT +85 °C
TERMINATION /
PACKAGING
ESR
See Ratings
and Case
Codes table
This is expressed
in picofarads.
The first two
digits are the
significant figures.
The third is the
number of zeros
to follow
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V)
Matte tin
C = 7" (178 mm) reel
D = 13" (330 mm) reel
V = 7" (178 mm) reel, dry pack
U = 13" (330 mm) reel, dry pack
Maximum
100 kHz
ESR in m


Similar Part No. - TF3E107(1)010(3)0300

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF3 CK-COMPONENTS-TF3 Datasheet
379Kb / 4P
   Mid Size Snap-acting Switches (Full Disconnection - Gap >3 mm)
31 May 21
logo
Rhombus Industries Inc.
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results

Similar Description - TF3E107(1)010(3)0300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com