Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF3E157(1)010(3)0700 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TF3E157(1)010(3)0700
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF3E157(1)010(3)0700 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TF3E157(1)010(3)0700 Datasheet HTML 6Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 7Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 8Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 9Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 10Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 11Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 12Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 13Page - Vishay Siliconix TF3E157(1)010(3)0700 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TF3
www.vishay.com
Vishay Sprague
Revision: 13-Sep-16
10
Document Number: 40113
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 23 VDC AT +125 °C
6.8
D
TF3D685(1)035(3)1300
2.4
6
1.300
0.34
6.8
D
TF3D685(1)035(3)1000
2.4
6
1.000
0.39
6.8
D
TF3D685(1)035(3)0750
2.4
6
0.750
0.45
6.8
D
TF3D685(1)035(3)0500
2.4
6
0.500
0.55
10
D
TF3D106(1)035(3)0800
3.5
6
0.800
0.43
10
D
TF3D106(1)035(3)0500
3.5
6
0.500
0.55
10
D (1)
TF3D106(1)035(3)0400
3.5
6
0.400
0.61
10
E
TF3E106(1)035(3)1000
3.5
6
1.000
0.41
10
E
TF3E106(1)035(3)0800
3.5
6
0.800
0.45
10
E
TF3E106(1)035(3)0500
3.5
6
0.500
0.57
10
E (1)
TF3E106(1)035(3)0400
3.5
6
0.400
0.64
15
D
TF3D156(1)035(3)0800
5.3
6
0.800
0.43
15
D
TF3D156(1)035(3)0500
5.3
6
0.500
0.55
15
D (1)
TF3D156(1)035(3)0400
5.3
6
0.400
0.61
15
E
TF3E156(1)035(3)0900
5.3
6
0.900
0.43
15
E
TF3E156(1)035(3)0700
5.3
6
0.700
0.49
15
E
TF3E156(1)035(3)0500
5.3
6
0.500
0.57
22
E
TF3E226(1)035(3)0600
7.7
6
0.600
0.52
22
E (1)
TF3E226(1)035(3)0300
7.7
6
0.300
0.74
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.47
C
TF3C474(1)050(2)8000
0.5
4
8.000
0.12
0.47
C
TF3C474(1)050(2)6700
0.5
4
6.700
0.13
0.47
C (1)
TF3C474(1)050(2)1900
0.5
4
1.900
0.24
0.68
C
TF3C684(1)050(2)7000
0.5
4
7.000
0.13
0.68
C
TF3C684(1)050(2)5900
0.5
4
5.900
0.14
0.68
C (1)
TF3C684(1)050(2)1700
0.5
4
1.700
0.25
1.0
C
TF3C105(1)050(2)5500
0.5
4
5.500
0.14
1.0
C
TF3C105(1)050(2)4400
0.5
4
4.400
0.16
1.0
C
TF3C105(1)050(2)2700
0.5
4
2.700
0.20
1.0
C (1)
TF3C105(1)050(2)2200
0.5
4
2.200
0.22
1.5
C
TF3C155(1)050(2)5000
0.8
6
5.000
0.15
1.5
C
TF3C155(1)050(2)3200
0.8
6
3.200
0.19
1.5
C (1)
TF3C155(1)050(2)2000
0.8
6
2.000
0.23
1.5
C (1)
TF3C155(1)050(2)1600
0.8
6
1.600
0.26
2.2
C
TF3C225(1)050(2)2800
1.1
6
2.800
0.20
2.2
C (1)
TF3C225(1)050(2)1400
1.1
6
1.400
0.28
2.2
D
TF3D225(1)050(3)2500
1.1
6
2.500
0.24
2.2
D
TF3D225(1)050(3)2100
1.1
6
2.100
0.27
2.2
D
TF3D225(1)050(3)0900
1.1
6
0.900
0.41
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Notes
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D
(3) Terminations and packaging codes: C, D, U, V
(1) Preliminary values, contact factory for availability


Similar Part No. - TF3E157(1)010(3)0700

ManufacturerPart #DatasheetDescription
logo
C&K Components
TF3 CK-COMPONENTS-TF3 Datasheet
379Kb / 4P
   Mid Size Snap-acting Switches (Full Disconnection - Gap >3 mm)
31 May 21
logo
Rhombus Industries Inc.
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-10 RHOMBUS-IND-TF300-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF300-5 RHOMBUS-IND-TF300-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results

Similar Description - TF3E157(1)010(3)0700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
893D VISHAY-893D Datasheet
136Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Revision: 08-Feb-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com