Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F211AF104K063C Datasheet(PDF) 11 Page - Kemet Corporation

Part # F211AF104K063C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104K063C Datasheet(HTML) 11 Page - Kemet Corporation

Back Button F211AF104K063C Datasheet HTML 7Page - Kemet Corporation F211AF104K063C Datasheet HTML 8Page - Kemet Corporation F211AF104K063C Datasheet HTML 9Page - Kemet Corporation F211AF104K063C Datasheet HTML 10Page - Kemet Corporation F211AF104K063C Datasheet HTML 11Page - Kemet Corporation F211AF104K063C Datasheet HTML 12Page - Kemet Corporation F211AF104K063C Datasheet HTML 13Page - Kemet Corporation F211AF104K063C Datasheet HTML 14Page - Kemet Corporation F211AF104K063C Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016 11
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Table 1 – Ratings & Part Number Reference cont'd
(1) R = ±2.5%, J = ±5%, K = ±10%, M = ±20%
(2) Insert lead and packaging code. See Ordering Options Table for available options.
(3) H = ±2.5%, J = ±5%, K = ±10%, M = ±20%
VDC VAC Capacitance
Value (µF)
Size Code
(New/
Legacy)
Maximum
Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
63
40
0.0056
KG/K01
4
8
10
7.5
30
F211KG562(1)063(2)
SMR7.5562(3)63K01(2)
63
40
0.0068
KG/K01
4
8
10
7.5
30
F211KG682(1)063(2)
SMR7.5682(3)63K01(2)
63
40
0.0082
KG/K01
4
8
10
7.5
30
F211KG822(1)063(2)
SMR7.5822(3)63K01(2)
63
40
0.01
KG/K01
4
8
10
7.5
30
F211KG103(1)063(2)
SMR7.5103(3)63K01(2)
63
40
0.012
KG/K01
4
8
10
7.5
30
F211KG123(1)063(2)
SMR7.5123(3)63K01(2)
63
40
0.015
KG/K01
4
8
10
7.5
30
F211KG153(1)063(2)
SMR7.5153(3)63K01(2)
63
40
0.018
KG/K01
4
8
10
7.5
30
F211KG183(1)063(2)
SMR7.5183(3)63K01(2)
63
40
0.022
KG/K01
4
8
10
7.5
30
F211KG223(1)063(2)
SMR7.5223(3)63K01(2)
63
40
0.027
KG/K01
4
8
10
7.5
20
F211KG273(1)063(2)
SMR7.5273(3)63K01(2)
63
40
0.033
KG/K01
4
8
10
7.5
20
F211KG333(1)063(2)
SMR7.5333(3)63K01(2)
63
40
0.039
KG/K01
4
8
10
7.5
20
F211KG393(1)063(2)
SMR7.5393(3)63K01(2)
63
40
0.047
KG/K01
4
8
10
7.5
20
F211KG473(1)063(2)
SMR7.5473(3)63K01(2)
63
40
0.056
KG/K01
4
8
10
7.5
15
F211KG563(1)063(2)
SMR7.5563(3)63K01(2)
63
40
0.068
KG/K01
4
8
10
7.5
15
F211KG683(1)063(2)
SMR7.5683(3)63K01(2)
63
40
0.082
KG/K01
4
8
10
7.5
15
F211KG823(1)063(2)
SMR7.5823(3)63K01(2)
63
40
0.1
KG/K01
4
8
10
7.5
15
F211KG104(1)063(2)
SMR7.5104(3)63K01(2)
63
40
0.12
KG/K01
4
8
10
7.5
15
F211KG124(1)063(2)
SMR7.5124(3)63K01(2)
63
40
0.15
KG/K01
4
8
10
7.5
10
F211KG154(1)063(2)
SMR7.5154(3)63K01(2)
63
40
0.18
KG/K01
4
8
10
7.5
10
F211KG184(1)063(2)
SMR7.5184(3)63K01(2)
63
40
0.22
KG/K01
4
8
10
7.5
10
F211KG224(1)063(2)
SMR7.5224(3)63K01(2)
63
40
0.27
KG/K01
4
8
10
7.5
10
F211KG274(1)063(2)
SMR7.5274(3)63K01(2)
63
40
0.33
KK/K03
5
11
10
7.5
10
F211KK334(1)063(2)
SMR7.5334(3)63K03(2)
63
40
0.39
KK/K03
5
11
10
7.5
10
F211KK394(1)063(2)
SMR7.5394(3)63K03(2)
63
40
0.47
KK/K03
5
11
10
7.5
10
F211KK474(1)063(2)
SMR7.5474(3)63K03(2)
63
40
0.56
KK/K03
5
11
10
7.5
10
F211KK564(1)063(2)
SMR7.5564(3)63K03(2)
63
40
0.68
KM/K04
6
12
10.5
7.5
10
F211KM684(1)063(2)
SMR7.5684(3)63K04(2)
63
40
0.82
KM/K04
6
12
10.5
7.5
10
F211KM824(1)063(2)
SMR7.5824(3)63K04(2)
63
40
0.0027
AG/A01
4
9
13
10
25
F211AG272(1)063(2)
SMR10272(3)63A01(2)
63
40
0.0033
AG/A01
4
9
13
10
25
F211AG332(1)063(2)
SMR10332(3)63A01(2)
63
40
0.0039
AG/A01
4
9
13
10
25
F211AG392(1)063(2)
SMR10392(3)63A01(2)
63
40
0.0047
AG/A01
4
9
13
10
25
F211AG472(1)063(2)
SMR10472(3)63A01(2)
63
40
0.0056
AG/A01
4
9
13
10
25
F211AG562(1)063(2)
SMR10562(3)63A01(2)
63
40
0.0068
AG/A01
4
9
13
10
25
F211AG682(1)063(2)
SMR10682(3)63A01(2)
63
40
0.0082
AG/A01
4
9
13
10
25
F211AG822(1)063(2)
SMR10822(3)63A01(2)
63
40
0.01
AG/A01
4
9
13
10
25
F211AG103(1)063(2)
SMR10103(3)63A01(2)
63
40
0.012
AG/A01
4
9
13
10
25
F211AG123(1)063(2)
SMR10123(3)63A01(2)
63
40
0.015
AG/A01
4
9
13
10
25
F211AG153(1)063(2)
SMR10153(3)63A01(2)
63
40
0.018
AG/A01
4
9
13
10
25
F211AG183(1)063(2)
SMR10183(3)63A01(2)
63
40
0.022
AG/A01
4
9
13
10
25
F211AG223(1)063(2)
SMR10223(3)63A01(2)
63
40
0.027
AG/A01
4
9
13
10
25
F211AG273(1)063(2)
SMR10273(3)63A01(2)
63
40
0.033
AG/A01
4
9
13
10
25
F211AG333(1)063(2)
SMR10333(3)63A01(2)
63
40
0.039
AG/A01
4
9
13
10
15
F211AG393(1)063(2)
SMR10393(3)63A01(2)
63
40
0.047
AG/A01
4
9
13
10
15
F211AG473(1)063(2)
SMR10473(3)63A01(2)
63
40
0.056
AG/A01
4
9
13
10
15
F211AG563(1)063(2)
SMR10563(3)63A01(2)
63
40
0.068
AG/A01
4
9
13
10
15
F211AG683(1)063(2)
SMR10683(3)63A01(2)
63
40
0.082
AG/A01
4
9
13
10
10
F211AG823(1)063(2)
SMR10823(3)63A01(2)
63
40
0.1
AG/A01
4
9
13
10
10
F211AG104(1)063(2)
SMR10104(3)63A01(2)
63
40
0.12
AG/A01
4
9
13
10
10
F211AG124(1)063(2)
SMR10124(3)63A01(2)
63
40
0.15
AG/A01
4
9
13
10
10
F211AG154(1)063(2)
SMR10154(3)63A01(2)
63
40
0.18
AG/A01
4
9
13
10
10
F211AG184(1)063(2)
SMR10184(3)63A01(2)
63
40
0.22
AG/A01
4
9
13
10
10
F211AG224(1)063(2)
SMR10224(3)63A01(2)
63
40
0.27
AG/A01
4
9
13
10
8
F211AG274(1)063(2)
SMR10274(3)63A01(2)
63
40
0.33
AG/A01
4
9
13
10
8
F211AG334(1)063(2)
SMR10334(3)63A01(2)
63
40
0.39
AG/A01
4
9
13
10
8
F211AG394(1)063(2)
SMR10394(3)63A01(2)
63
40
0.47
AH/A02
4.5
10.5
13
10
8
F211AH474(1)063(2)
SMR10474(3)63A02(2)
63
40
0.56
AH/A02
4.5
10.5
13
10
8
F211AH564(1)063(2)
SMR10564(3)63A02(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
(New/Legacy)
B
(mm)
H
(mm)
L
(mm)
Lead Spacing
(p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - F211AF104K063C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
More results

Similar Description - F211AF104K063C

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com