Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21363S Datasheet(PDF) 11 Page - International Rectifier

Part # IR21363S
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21363S Datasheet(HTML) 11 Page - International Rectifier

Back Button IR21363S Datasheet HTML 7Page - International Rectifier IR21363S Datasheet HTML 8Page - International Rectifier IR21363S Datasheet HTML 9Page - International Rectifier IR21363S Datasheet HTML 10Page - International Rectifier IR21363S Datasheet HTML 11Page - International Rectifier IR21363S Datasheet HTML 12Page - International Rectifier IR21363S Datasheet HTML 13Page - International Rectifier IR21363S Datasheet HTML 14Page - International Rectifier IR21363S Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.irf.com
11
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
Figure 3. Output Enable Timing Waveform
EN
HO1,2,3
LO1,2,3
50%
90%
ten
Figure 1. Input/Output Timing Diagram
HIN1,2,3
LIN1,2,3
EN
ITRIP
FAULT
RCIN
HO1,2,3
LO1,2,3
HIN1,2,3
Figure 2. Switching Time Waveforms
LIN1,2,3
HIN1,2,3
HO1,2,3
LO1,2,3
50%
50%
90%
10%
10%
90%
ton
tr
tf
toff
LIN1,2,3
HIN1,2,3
50%
50%
PW
IN
PW
OUT


Similar Part No. - IR21363S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21363STRPBF IRF-IR21363STRPBF Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR21363S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com