Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFR433M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TFR433M
Description  SAW Resonator Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFR433M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TFR433M Datasheet HTML 1Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 2Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 3Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 4Page - List of Unclassifed Manufacturers TFR433M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
tfr433m.doc
version 1.0
16.08.2002
VI TELEFILTER
SAW Resonator Specification
TFR 433M
3/5
VI TELEFILTER
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Stability characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page
4;
Packing
tape & reel:
IEC 286 - 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min 300 mm
reel of empty components at start including leader:
min 500 mm
trailer
min 300 mm
Do
Po
E
F
W
P1
EMBOSSED CARRIER TAPE
COVER TAPE
G
P 2
Bo
A o
D 1
Tape (all dimensions in mm)
W
:
12
± 0,3
Po
:
4
± 0,1
Do
:
1,5
+ 0,1
E
:
1,75 ± 0,1
F
:
5,5 ± 0,05
G (min) :
0,75
P2
:
2
± 0,05
P1
:
8
± 0,10
D1(min) :
1,5
Ao
:
5,30
± 0,1
Bo
:
5,30
± 0,1
CT
CT
:
13,0
± 0,2
A
C
N
W 1
W 2
Reel (all dimensions in mm)
A
: 330
W1
: 12,4 + 2
W2 (max) : 18,4
N (min) : 50
C
: 13 +0,5/-0,2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFR433M

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR433M VECTRON-TFR433M Datasheet
74Kb / 5P
   SAW Resonator Specification
More results

Similar Description - TFR433M

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR868A VECTRON-TFR868A Datasheet
70Kb / 5P
   SAW Resonator Specification
TFR868 VECTRON-TFR868 Datasheet
70Kb / 5P
   SAW Resonator Specification
TFR433M VECTRON-TFR433M Datasheet
74Kb / 5P
   SAW Resonator Specification
TFR622A VECTRON-TFR622A Datasheet
163Kb / 5P
   SAW Resonator Specification
TFR868C VECTRON-TFR868C Datasheet
70Kb / 5P
   SAW Resonator Specification
TFR434C VECTRON-TFR434C Datasheet
159Kb / 5P
   Resonator Specification
TFR586 VECTRON-TFR586 Datasheet
168Kb / 5P
   Resonator specification
TFR832 VECTRON-TFR832 Datasheet
82Kb / 5P
   Resonator Specification
TFR315B VECTRON-TFR315B Datasheet
115Kb / 5P
   Resonator specification
TFR433E VECTRON-TFR433E Datasheet
46Kb / 6P
   Resonator Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com