Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21365S Datasheet(PDF) 4 Page - International Rectifier

Part # IR21365S
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21365S Datasheet(HTML) 4 Page - International Rectifier

  IR21365S Datasheet HTML 1Page - International Rectifier IR21365S Datasheet HTML 2Page - International Rectifier IR21365S Datasheet HTML 3Page - International Rectifier IR21365S Datasheet HTML 4Page - International Rectifier IR21365S Datasheet HTML 5Page - International Rectifier IR21365S Datasheet HTML 6Page - International Rectifier IR21365S Datasheet HTML 7Page - International Rectifier IR21365S Datasheet HTML 8Page - International Rectifier IR21365S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
4
www.irf.com
Static Electrical Characteristics cont.
VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and
are applicable to all six channels (HS1,2,3 and LS1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3
and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VCCUV-
VCC and VBS supply undervoltage
IR2136(8)
7.4
8.2
9.0
VBSUV-
negative going threshold
IR21362
8.6
9.4
10.2
IR21363(5)(6)(7)
10.4
10.9
11.4
VCCUVH
VCC and VBS supply undervoltage
IR2136
0.3
0.7
VBSUVH
lockout hysteresis
IR21362
0.5
1.0
IR21363(5)
0.2
ILK
Offset supply leakage current
50
VB1,2,3=VS1,2,3=600V
IQBS
Quiescent VBS supply current
70
120
IQCC
Quiescent VCC supply current
1.6
2.3
mA
VIN, CLAMP
Input clamp voltage (HIN, LIN, ITRIP and EN)
4.9
5.2
5.5
V
IIN =100
µA
ILIN+
Input bias current (LOUT = HI)
IR2136(2)(3)(5)
200
300
VLIN = 5V
IR21366(7)(8)
—0
1
ILIN-
Input bias current (LOUT = LO)
IR2136(2)(3)(5)
100
220
VLIN = 0V
IR21366(7)(8)
—0
1
IHIN+
Input bias current (HOUT = HI)
IR2136(3)(5)
200
300
VHIN = 5V
IR21362
30
100
IR21366(7)(8)
—0
1
IHIN-
Input bias current (HOUT = LO)
IR2136(3)(5)
100
220
VHIN = 0V
IR21362(6)(7)(8)
—0
1
IITRIP+
“high” ITRIP input bias current
30
100
VITRIP = 5V
IITRIP-
“low” ITRIP input bias current
0
1
VITRIP = 0V
IEN+
“high” ENABLE input bias current
30
100
VENABLE= 5V
IEN-
“low” ENABLE input bias current
0
1
VENABLE = 0V
IRCIN
RCIN input bias current
0
1
VRCIN = 0V or 15V
IO+
Output high short circuit pulsed current
120
200
VO=0V, PW ≤ 10 µs
IO-
Output low short circuit pulsed current
250
350
VO=15V, PW ≤10 µs
RON,RCIN
RCIN low on resistance
50
100
RON,FLT
FAULT low on resistance
50
100
VIN = 0V or 5V
µA
µA
mA
V


Similar Part No. - IR21365S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21365 IRF-IR21365 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21365 INFINEON-IR21365 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
More results

Similar Description - IR21365S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com