Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS360A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TFS360A
Description  TELEFILTER Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFS360A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TFS360A Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS360A Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS360A Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS360A Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS360A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
tfs360A.doc
version 1.6
12.04.2001
_____________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 360A
-
4/5
_____________________________________________________________________________________________________
VI TELEFILTER
Vectron International Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Air reflow temperature conditions
1st and 2nd air reflow profile
Name:
pre-heating periods
main-heating periods
peak temperature
Temperature:
150 °C - 170 °C
over 200 °C
255 °C ± 5 °C
Time:
60 sec. - 90 sec.
20 sec. - 25 sec.
Chip-mount air reflow profile
time / sec.
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100
120
140
160
180
200
220
240
Table for temperature vs. time during the air reflow process
Tolerance of temperatures: ± 5 °C
time / sec.
temperature / °C
time / sec.
temperature / °C
0
23
140
160
Leader 500 mm Min.
User direction of feed
Trailer 500 mm Min.
PIN 1


Similar Part No. - TFS360A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS360A VECTRON-TFS360A Datasheet
58Kb / 5P
   Filter Specification
More results

Similar Description - TFS360A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS110K2 ETC-TFS110K2 Datasheet
86Kb / 5P
   TELEFILTER Filter specification
TFS249A ETC-TFS249A Datasheet
41Kb / 5P
   TELEFILTER Filter Specification
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com