Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G690H293T22 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G690H293T22
Description  Microprocessor Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690H293T22 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G690H293T22 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690H293T22 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G690/G691
Global Mixed-mode Technology Inc.
Ordering Information
PART
TEMP. RANGE
OUTPUT TYPE
G690LxxxTxx
-40°C ~ +105°C
Push-Pull Active Low
G690HxxxTxx
-40°C ~ +105°C
Push-Pull Active High
G691LxxxTxx
-40°C ~ +105°C
Open-Drain
Order Number Identification
G69XX XXX TX
X
Pin Option
Package Type
Threshold Voltage Option
Part Number
PART NUMBER
THRESHOLD VOLTAGE OPTION
G690L : Push-Pull Active Low Output
* xxx specifies the threshold voltage.
G690H : Push-Pull Active High Output
e.g. 263 denotes the 2.63V threshold voltage.
G691L : Open-Drain Output
PACKAGE TYPE
PIN OPTION
T2 : SOT 89
1
2
3
T7 : SOT 23
1 : RESET
GND
VCC
T9 : SC 70
2 : RESET
VCC
GND
3 : GND
RESET
VCC
4 : GND
VCC
RESET
5 : VCC
GND
RESET
6 : VCC
RESET
GND
*RESET for G690H


Similar Part No. - G690H293T22

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
   Microprocessor Reset IC
More results

Similar Description - G690H293T22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com