Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-AQFN-7000 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SM-AQFN-7000
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-AQFN-7000 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SM-AQFN-7000 Datasheet HTML 1Page - Ironwood Electronics. SM-AQFN-7000 Datasheet HTML 2Page - Ironwood Electronics. SM-AQFN-7000 Datasheet HTML 3Page - Ironwood Electronics. SM-AQFN-7000 Datasheet HTML 4Page - Ironwood Electronics. SM-AQFN-7000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15.60
15.225
16.725
K
K
Recommended torque is 1.5 in lb.
Customer
Target PCB
16.725 backing plate
15.413 socket outline
9.0792
15.6042
SECTION K-K
TOP VIEW
Silver Ball Matrix Socket - Direct mount, solderless
Features
• Wide temperature range (-55C to +150C).
• Current capability is 4A per pin .
• Excellent signal integrity at high frequencies.
• Low and stable contact resistance for reliable production yield.
• Highly compliant to accommodate wide co-planarity variations.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket for 10x10mm 0.666mm pitch QFN100
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 6/26/13
Material: Material <not specified>
Finish:
Weight: 6.60
SM-AQFN-7000 Drawing
SCALE: 3:1
SHEET: 1 OF 5
ENG: E. Smolentseva
FILE: SM-AQFN-7000 Dwg
DRAWN BY: E. Smolentseva


Similar Part No. - SM-AQFN-7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM-A1200 ETC-SM-A1200 Datasheet
360Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A1201 ETC-SM-A1201 Datasheet
360Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A1207 ETC-SM-A1207 Datasheet
360Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A1209 ETC-SM-A1209 Datasheet
360Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SM-A120A ETC-SM-A120A Datasheet
360Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SM-AQFN-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com