Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21367J Datasheet(PDF) 9 Page - International Rectifier

Part # IR21367J
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21367J Datasheet(HTML) 9 Page - International Rectifier

Back Button IR21367J Datasheet HTML 5Page - International Rectifier IR21367J Datasheet HTML 6Page - International Rectifier IR21367J Datasheet HTML 7Page - International Rectifier IR21367J Datasheet HTML 8Page - International Rectifier IR21367J Datasheet HTML 9Page - International Rectifier IR21367J Datasheet HTML 10Page - International Rectifier IR21367J Datasheet HTML 11Page - International Rectifier IR21367J Datasheet HTML 12Page - International Rectifier IR21367J Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.irf.com
9
IR2136(2)(3)(5)(6)(7)(8)(J&S) &(PbF)
Lead Definitions
Symbol Description
VCC
Low side and logic fixed supply
VSS
Logic Ground
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), out of phase (IR2136/IR21363(5)(6)(7)(8)
HIN1,2,3
Logic inputs for high side gate driver outputs (HO1,2,3), in phase (IR21362)
LIN1,2,3
Logic inputs for low side gate driver outputs (LO1,2,3), out of phase
FAULT
Indicates over-current (ITRIP) or low-side undervoltage lockout has occured. Negative logic,
open-drain output
EN
Logic input to enable I/O functionality. Positive logic, i.e. I/O logic functions when ENABLE is
high. No effect on FAULT and not latched
ITRIP
Analog input for overcurrent shutdown. When active, ITRIP shuts down outputs and activates
FAULT and RCIN low. When ITRIP becomes inactive, FAULT stays active low for an externally
set time TFLTCLR, then automatically becomes inactive (open-drain high impedance).
RCIN
External RC network input used to define FAULT CLEAR delay, TFLTCLR, approximately equal
to R*C. When RCIN>8V, the FAULT pin goes back into open-drain high-impedance
COM
Low side gate driver return
VB1,2,3
High side floating supply
HO1,2,3
High side gate driver outputs
VS1,2,3
High voltage floating supply returns
LO1,2,3
Low side gate driver output
Note: All input pins and the ITRIP pin are internally clamped with a 5.2V zener diode.


Similar Part No. - IR21367J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21367 IRF-IR21367 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21367 INFINEON-IR21367 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
More results

Similar Description - IR21367J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com