Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21368J Datasheet(PDF) 10 Page - International Rectifier

Part # IR21368J
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21368J Datasheet(HTML) 10 Page - International Rectifier

Back Button IR21368J Datasheet HTML 6Page - International Rectifier IR21368J Datasheet HTML 7Page - International Rectifier IR21368J Datasheet HTML 8Page - International Rectifier IR21368J Datasheet HTML 9Page - International Rectifier IR21368J Datasheet HTML 10Page - International Rectifier IR21368J Datasheet HTML 11Page - International Rectifier IR21368J Datasheet HTML 12Page - International Rectifier IR21368J Datasheet HTML 13Page - International Rectifier IR21368J Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
IR2136(2)(3)(5)(6)(7)(8)(J&S)&(PbF)
10
www.irf.com
28 Lead PDIP
44 Lead PLCC w/o 12 leads
28 lead SOIC (wide body)
IR2136/IR21363(5)(6)(7)(8)
IR2136/IR21363(5)(6)(7)(8) (J)
IR2136/IR21363(5)(6)(7)(8) (S)
Lead Assignments
28 Lead PDIP
44 Lead PLCC w/o 12 leads
28 lead SOIC (wide body)
IR21362
IR21362J
IR21362S
1
VCC
2
HIN1
3
HIN2
4
HIN3
5
LIN1
6
LIN2
7
LIN3
8
FAULT
9
ITRIP
10
EN
11
RCIN
12
VSS
13
COM
14
LO3
28
VB1
27
HO1
26
VS1
25
24
VB2
23
HO2
22
VS2
21
20
VB3
19
HO3
18
VS3
17
16
LO1
15
LO2
1
VCC
2
HIN1
3
HIN2
4
HIN3
5
LIN1
6
LIN2
7
LIN3
8
FAULT
9
ITRIP
10
EN
11
RCIN
12
VSS
13
COM
14
LO3
28
VB1
27
HO1
26
VS1
25
24
VB2
23
HO2
22
VS2
21
20
VB3
19
HO3
18
VS3
17
16
LO1
15
LO2
FAULT
8
9
10
11
LIN1
12
LIN2
13
LIN3
14
15
ITRIP
16
EN
17
7
18
VS3
HO3
VB3
29
41
30
31
VS2
HO2
VB2
35
36
37
19
20
21
22
23
24
25
42
43
3
4
5
6
RCIN
FAULT
8
9
10
11
LIN1
12
LIN2
13
LIN3
14
15
ITRIP
16
EN
17
7
18
VS3
HO3
VB3
29
41
30
31
VS2
HO2
VB2
35
36
37
19
20
21
22
23
24
25
42
43
3
4
5
6
IR2136
44 LEAD PLCC w/o 12 LEADS
RCIN
1
VCC
2
HIN1
3
HIN2
4
HIN3
5
LIN1
6
LIN2
7
LIN3
8
FAULT
9
ITRIP
10
EN
11
RCIN
12
VSS
13
COM
14
LO3
28
VB1
27
HO1
26
VS1
25
24
VB2
23
HO2
22
VS2
21
20
VB3
19
HO3
18
VS3
17
16
LO1
15
LO2
IR2136
1
VCC
2
HIN1
3
HIN2
4
HIN3
5
LIN1
6
LIN2
7
LIN3
8
FAULT
9
ITRIP
10
EN
11
RCIN
12
VSS
13
COM
14
LO3
28
VB1
27
HO1
26
VS1
25
24
VB2
23
HO2
22
VS2
21
20
VB3
19
HO3
18
VS3
17
16
LO1
15
LO2
IR2136


Similar Part No. - IR21368J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21368 IRF-IR21368 Datasheet
896Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21368 INFINEON-IR21368 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
More results

Similar Description - IR21368J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com