Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS420A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TFS420A
Description  TELEFILTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFS420A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TFS420A Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS420A Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS420A Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS420A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
tfs 420A.doc
Version 1.1
06.01.02
VI TELEFILTER
Filter specification
TFS 420A - 4/4
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
Air reflow temperature conditions:
1st and 2nd air reflow profile
Name:
pre-heating periods
main-heating periods
peak temperature
Temperature:
150 °C - 170 °C
over 200 °C
255 °C ± 5 °C
Time:
60 sec. - 90 sec.
20 sec. - 25 sec.
Chip-mount air reflow profile
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100
120
140
160
180
200
220
240
time / sec.
Table for temperature vs. time during the air reflow process
Tolerance of temperatures: ± 5 °C
time / sec.
temperature / °C
time / sec.
temperature / °C
0
23
140
160
10
34
150
161
20
46
160
164
30
60
170
170
40
80
180
180
50
103
190
205
60
121
195
230
70
134
200
255
80
143
205
230
90
150
210
205
100
154
215
180
110
156
220
165
120
158
230
140
130
159
240
120


Similar Part No. - TFS420A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS420A1 VECTRON-TFS420A1 Datasheet
54Kb / 4P
   Filter specification
More results

Similar Description - TFS420A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS380G ETC-TFS380G Datasheet
83Kb / 5P
   TELEFILTER
TFS380A ETC-TFS380A Datasheet
41Kb / 5P
   TELEFILTER
TFS380B ETC-TFS380B Datasheet
41Kb / 5P
   TELEFILTER
TFS1220B ETC-TFS1220B Datasheet
78Kb / 6P
   TELEFILTER
TFS282A ETC-TFS282A Datasheet
42Kb / 5P
   VI TELEFILTER
logo
Vectron International, ...
TFS70AT VECTRON-TFS70AT Datasheet
162Kb / 5P
   VI TELEFILTER
TFS537 VECTRON-TFS537 Datasheet
241Kb / 5P
   VI TELEFILTER
TFS626 VECTRON-TFS626 Datasheet
226Kb / 5P
   VI TELEFILTER
TFS70AU VECTRON-TFS70AU Datasheet
167Kb / 5P
   VI TELEFILTER
TFS1747 VECTRON-TFS1747_07 Datasheet
181Kb / 5P
   VI TELEFILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com