Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

428521320810 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 428521320810
Description  WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

428521320810 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  428521320810 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
c
Washable Definition 14-03-05 DaF
d
revised MatchCode 14-07-25 AL
WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
42852132081x
42852132081x.dft
09-11-05
Jelisarow
3:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-09-30
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where
higher safety and reliability are especially required or if there is possibility
of direct damage or injury to human body, Wurth Elektronik must be
asked for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability
functions or performance, the sufficient reliability evaluation-check for the
safety must be performed before by the user before usage.
12-02-02
new contact rating
b
WJ
09-11-05
HSU
5,08
1,20
C
4
1
C
2
8
RECOMMENDED LAYOUT
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Contact Rating:
Switching:
150mA, 24VDC
Non-Switching:
400mA, 24VDC
>Contact Resistance:
Initial:
80mOHM max.
After Life Test:
200mOHM max.
>Insulation Resistance: min. 100MOHM at 250VDC
>Dielectric Strength:
250VAC for 1 minute
>Operating Force:
700g max.
>Life cycle:
10.000 steps
>Position:
10
>Actuator:
Arrow type
MATERIAL
>Cover:
LCP UL 94V-0, color grey
>Base:
LCP UL 94V-0, color grey
>Actuator: PA 66 UL 94V-0
>Contact: Gold Plated
>Terminal: Gold Plated
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to
JEDEC J-STD 020 Hot Air
WASHABLE DEFINITION
Please do not submerse washable products into water
or cleaning agents or put them in locations exposed to
water or liquids completely. When cleaning by hand
(brushing), please do not use excessive force on our
switch to avoid malfunction afterwards, because you
could deform function relevant areas or you could
damage sealing functions. Do not clean washable
series immediately after soldering. The cleaning agent
may be absorbed into the switch through respiration
while the switch cools.
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape and Reel
12,00
0,54
5,08
10,00
C 1 2 4 8
0
0
1
 
1
2
2
3
  
3
4
4
5
 
5
6
 
6
7
   
7
8
 8
9
 
 9
C 1 2 4 8
0
     0
1
   1
2
 
  2
3
  3
4
  
 4
5
 5
6
 
 6
7
 7
8
   
8
9
 
9
Real Code
Complement Code
Part number
Color of Actuator Position
Code
428 521 320 810
light grey
10
Real Code
428 521 320 811
blue
10
complement code
h 0,10 Ref.
Scale - 3:1
9,60 ±0,1


Similar Part No. - 428521320810

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
428521320810 WURTH-428521320810 Datasheet
109Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
More results

Similar Description - 428521320810

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
428521520811 WURTH-428521520811 Datasheet
110Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521320810 WURTH-428521320810 Datasheet
109Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521420910 WURTH-428521420910 Datasheet
115Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521420911 WURTH-428521420911 Datasheet
115Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 10 position, SMD version
428521420917 WURTH-428521420917 Datasheet
118Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521320817 WURTH-428521320817 Datasheet
112Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521520817 WURTH-428521520817 Datasheet
113Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521320816 WURTH-428521320816 Datasheet
112Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521520816 WURTH-428521520816 Datasheet
113Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
428521420916 WURTH-428521420916 Datasheet
118Kb / 1P
   WS-ROSV Rotary Switch 10x10mm, 16 position, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com