Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD104 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THC63LVD104
Description  90MHz 30Bits COLOR LVDS Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD104 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THC63LVD104 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD104 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright 2003 THine Electronics, Inc. All rights reserved
4
THine Electronics, Inc.
THC63LVD104A Rev.1.0
THine
Absolute Maximum Ratings 1
Electrical Characteristics
CMOS/TTL DC Specifications
VCC = 3.0V ~ 3.6V, Ta = 0
~ +70
LVDS Receiver DC Specifications
VCC = 3.0V ~ 3.6V, Ta = 0
~ +70
Supply Voltage (VCC)
-0.3V ~ +4.0V
CMOS/TTL Input Voltage
-0.3V ~ (VCC + 0.3V)
CMOS/TTL Output Voltage
-0.3V ~ (VCC + 0.3V)
LVDS Receiver Input Voltage
-0.3V ~ (VCC + 0.3V)
Output Current
-30mA ~ 30mA
Junction Temperature
+125
Storage Temperature Range
-55
~ +125
Resistance to soldering heat
+260
/10sec
Maximum Power Dissipation @+25
1.0W
1. “Absolute Maximum Ratings” are those valued beyond which the safety of the device can not be guaranteed. They
are not meant to imply that the device should be operated at these limits. The tables of “Electrical Characteristics”
specify conditions for device operation.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
VOH
High Level Output Voltage
IOH= -4mA (data)
IOH= -8mA (clock)
2.4
V
VOL
Low Level Output Voltage
IOL= 4mA (data)
IOL= 8mA (clock)
0.4
V
IINC
Input Current
µA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTH
Differential Input High Threshold
VOC= 1.2V
100
mV
VTL
Differential Input Low Threshold
VOC= 1.2V
-100
mV
IINL
Input Current
VIN= 2.4V / 0V
VCC= 3.6V
µA
°C
°C
°C
°C
°C
°C
°C
0V
V
IN
V
CC
≤≤
10
±
°C
°C
20
±


Similar Part No. - THC63LVD104

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
More results

Similar Description - THC63LVD104

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104S THINE-THC63LVD104S Datasheet
143Kb / 12P
   112MHz 30Bits Color LVDS Receiver
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
THC63LVDF84C THINE-THC63LVDF84C Datasheet
470Kb / 14P
   24bit Color LVDS Receiver (Falling Edge Strobe Output)
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
   24bit Color LVDS Receiver (Rising Edge Strobe Output)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com