Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603X222K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X222K5RACTU
Description  Ceramic, FlexTerm-(CxxxxX), 2200 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X222K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X222K5RACTU_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 28b2813a-a9bf-46e4-83cd-1d31b5c6b6bf
KEMET Part Number: C0603X222K5RACTU
(C0603X222K5RAC7867)
Ceramic, FlexTerm-(CxxxxX), 2200 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Dimensions
L
1.6mm +/-0.17mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.15mm
S
0.58mm MIN
B
0.45mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: FlexTerm-(CxxxxX)
Chip Size: 0603
Description: SMD, MLCC, FT-CAP,
Temperature Stable
Features: FT-CAP, Temperature Stable
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603X222K5RACTU_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X222K5RACTU KEMET-C0603X222K5RACTU Datasheet
77Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 2200 pF, /-10% Tol, 50V, X7R, 0603 (1608 metric)
More results

Similar Description - C0603X222K5RACTU_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X221K5RACTU KEMET-C0603X221K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 220 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X472K5RACTU KEMET-C0603X472K5RACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 4700 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X102K5RACTU KEMET-C0603X102K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 1000 pF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X222KCRACTU KEMET-C1206X222KCRACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 2200 pF, 10%, 500 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X102K1RACTU KEMET-C0603X102K1RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 1000 pF, 10%, 100 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X102K2RACTU KEMET-C0603X102K2RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 1000 pF, 10%, 200 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X473K5RACTU KEMET-C0603X473K5RACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.047 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X103K5RACTU KEMET-C0603X103K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X223K5RACTU KEMET-C0603X223K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.022 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X333K5RACTU KEMET-C0603X333K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.033 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com