Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61708STSN Datasheet(PDF) 7 Page - MTRONPTI

Part # M61708STSN
Description  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61708STSN Datasheet(HTML) 7 Page - MTRONPTI

  M61708STSN Datasheet HTML 1Page - MTRONPTI M61708STSN Datasheet HTML 2Page - MTRONPTI M61708STSN Datasheet HTML 3Page - MTRONPTI M61708STSN Datasheet HTML 4Page - MTRONPTI M61708STSN Datasheet HTML 5Page - MTRONPTI M61708STSN Datasheet HTML 6Page - MTRONPTI M61708STSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
7
M617x Series Stratum 3
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
Forcustomproductsoradditionalspecificationscontactoursalesteamat
800.762.8800 (toll free) or 605.665.9321
For more information on this product visit the MtronPTI website at
www.mtronpti.com
Load Circuit
Load Circuit #2 - HCMOS Output
Load Circuit #7 - Clipped Sine Wave Output
Quality Parameters
Note:CLoadincludesprobeandfixturing.
C Load
DUT Output
Test Point
10 pF
DUT Output
Test Point
10K Ohms
Environmental Specifications/Qualification Testing Performed
Test
Test Method
Test Condition
Electrical Characteristics
InternalSpecification
PerSpecification
Frequency vs. Temperature
InternalSpecification
PerSpecification
Mechanical Shock
MIL-STD-202, Method 213, C
100 g’s
Vibration
MIL-STD-202, Method 201-204
10 g’s from 10-2000 Hz
Thermal Cycle
MIL-STD-883, Method 1010, B
-55 Deg. C to +125 Deg. C, 15 minute Dwell, 10 cycles
Aging
InternalSpecification
168 Hours at 105 Degrees C
Gross Leak
MIL-STD-202, Method 112
30 Second Immersion
Fine Leak
MIL-STD-202, Method 112
Must meet 1x10-8
Solderability
MIL-STD-883, Method 2003
8 Hour Steam Age – Must Exhibit 95% coverage
Resistance to Solvents
MIL-STD-883, Method 2015
Three 1 minute soaks
Physical Dimensions
MIL-STD-883, Method 2016
PerSpecification
Internal Visual
InternalSpecification
PerInternalSpecification


Similar Part No. - M61708STSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61001.2.6.8.FSFCN MTRONPTI-M61001.2.6.8.FSFCN Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61001.2.6.8.FSFSN MTRONPTI-M61001.2.6.8.FSFSN Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61001.2.6.8.FSTCN MTRONPTI-M61001.2.6.8.FSTCN Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61001.2.6.8.FSTSN MTRONPTI-M61001.2.6.8.FSTSN Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
logo
Renesas Technology Corp
M61005FP RENESAS-M61005FP Datasheet
4Mb / 11P
   DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
More results

Similar Description - M61708STSN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61501STCN MTRONPTI-M61501STCN Datasheet
1Mb / 7P
   5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M60531HSN MTRONPTI-M60531HSN Datasheet
836Kb / 2P
   3.2 x 5.0 mm, 3.0 V, Clipped Sine Wave or HCMOS, TCXO/VCTCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com