Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low-Drop Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4271-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
9
2001-04-04
Watchdog
Upper watchdog
switching threshold
V
UDW
1.4
1.8
2.3
V
Lower watchdog
switching threshold
V
LDW
0.2
0.45
0.8
V
Discharge current
I
DWD
1.5
2.7
3.5
µA
V
D = 1 V
Charge current
I
DWC
814
25
µA
V
D = 1 V
Watchdog period
t
WD,P
40
55
80
ms
C
D = 100 nF
Watchdog trigger
time
t
WI,tr
30
45
66
ms
C
D = 100 nF
see diagram
Watchdog pulse
slew rate
V
WI
5
––
V/
µs from 20% to 80% V
Q
Characteristics (cont’d)
V
I = 13.5 V; – 40 °C ≤ Tj = ≤ 125 °C; VINH > VU,INH (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - TLE4271-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4271-2 INFINEON-TLE4271-2 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2G INFINEON-TLE4271-2G Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2S INFINEON-TLE4271-2S Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
More results

Similar Description - TLE4271-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com