Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4271-2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low-Drop Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4271-2 Datasheet HTML 1Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 2Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 3Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 4Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 5Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 6Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
3
2001-04-04
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of a series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element.
The reset output RO is in high-state if the voltage on the delay capacitor
C
D is greater or
equal
V
UD. The delay capacitor CD is charged with the current ID for output voltages
greater than the reset threshold
V
RT. If the output voltage gets lower than VRT (’reset
condition’) a fast discharge of the delay capacitor
C
D sets in and as soon as VD gets lower
than
V
LD the reset output RO is set to low-level.
The time for the delay capacitor charge from
V
UD to VLD is the reset delay time tD.
When the voltage on the delay capacitor has reached
V
UD and reset was set to high, the
watchdog circuit is enabled and discharges
C
D with the constant current IDWD. If there is
no rising edge observed at the watchdog input,
C
D will be discharge down to VLDW, then
reset output RO will be set to low and
C
D will be charged again with the current IDWC until
V
D reaches VUD and reset will be set high again.
If the watchdog pulse (rising edge at watchdog input WI) occurs during the discharge
period
C
D is charged again and the reset output stays high. After VD has reached VUD,
the periodical behavior starts again.
Internal protection circuits protect the IC against:
• Overload
• Overvoltage
• Overtemperature
• Reverse polarity


Similar Part No. - TLE4271-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4271-2 INFINEON-TLE4271-2 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2G INFINEON-TLE4271-2G Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2S INFINEON-TLE4271-2S Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
More results

Similar Description - TLE4271-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com