Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61SP12832-133TQ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IS61SP12832-133TQ
Description  128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS61SP12832-133TQ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IS61SP12832-133TQ Datasheet HTML 5Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 6Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 7Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 8Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 9Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 10Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 11Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 12Page - List of Unclassifed Manufacturers IS61SP12832-133TQ Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IS61SP12832
Integrated Circuit Solution Inc.
9
SSR011-0B
READ/WRITE CYCLE TIMING
Single Read
High-Z
High-Z
DATAOUT
DATAIN
OE
CE2
CE2
CE
BW4-BW1
BWE
GW
A15-A0
ADV
ADSC
ADSP
CLK
RD1
RD2
1a
2c
2d
3a
Unselected
Burst Read
tKQX
tKC
tKL
tKH
tSS
tSH
tSS
tSH
tAS
tAH
tWS
tWH
tWS
tWH
RD3
tCES
tCEH
tCES
tCEH
tCES
tCEH
CE2 and CE2 only sampled with ADSP or ADSC
CE Masks ADSP
Unselected with CE2
tOEQ
tOEQX
tOELZ
tKQLZ
tKQ
tOEHZ
tKQHZ
ADSC initiate read
ADSP is blocked by CE inactive
tAVH
tAVS
Suspend Burst
Pipelined Read
2a
2b


Similar Part No. - IS61SP12832-133TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
IS61SP12836-117B ICSI-IS61SP12836-117B Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
IS61SP12836-117TQ ICSI-IS61SP12836-117TQ Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
IS61SP12836-133B ICSI-IS61SP12836-133B Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
IS61SP12836-133TQ ICSI-IS61SP12836-133TQ Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
More results

Similar Description - IS61SP12832-133TQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
   32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Motorola, Inc
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com