Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM8B Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UM8B
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UM8B Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UM8B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UM8B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UM8B Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB Package
FEATURES:
Glass Passivated Chip Junction
Reverse Voltage - 100 to 1000 V
- 0.8 A
High Surge Current Capability
Designed for Surface Mount Application
Average Rectified Output Current
PINNING
PIN
1
2
DESCRIPTION
3
4
Output Cathode(-)
Output Anode(+)
Input Pin(~)
Input Pin(~)
MECHANICAL DATA
• Case: UMB
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
45mg 0.0016oz
pprox. Weight:
1
2
3
4
UM1B THRU UM10B
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Typical Junction Capacitance
(Note1)
VRRM
VRMS
VDC
IO
IFSM
UM1B
UM2B
UM4B
UM6B
UM8B
UM10B
V
V
V
0.8
25
13
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
Symbols
110
Typical Thermal Resistance
(Note2)
°C/W
RθJA
Average Rectified Output Current
at T = 115
°C
c
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
Forward Voltage per element
VF
1.0
@I = 0.4A
F
@I =0.8A
F
1.1
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
3
30
@
T =25 °C
a
@
T =125 °C
a
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. P.C.B. mounted with 4
×
×
×
)copper pad areas.
1.5" 1.5"
3.81 3.81 cm
www.yfwdiode.com


Similar Part No. - UM8B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UM8B YFWDIODE-UM8B Datasheet
624Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM8B YFWDIODE-UM8B Datasheet
489Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
First Silicon Co., Ltd
UM8B FS-UM8B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UM8B-05 YFWDIODE-UM8B-05 Datasheet
416Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM8B-05 YFWDIODE-UM8B-05 Datasheet
472Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - UM8B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
logo
SHIKUES Electronics
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
S1ZB05 ZSELEC-S1ZB05 Datasheet
91Kb / 2P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB08M DIODES-MSB08M Datasheet
424Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10F DIODES-MB10F Datasheet
561Kb / 5P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com