Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20200CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR20200CT
Description  Switch?릑ode Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR20200CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBR20200CT_14 Datasheet HTML 1Page - ON Semiconductor MBR20200CT_14 Datasheet HTML 2Page - ON Semiconductor MBR20200CT_14 Datasheet HTML 3Page - ON Semiconductor MBR20200CT_14 Datasheet HTML 4Page - ON Semiconductor MBR20200CT_14 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 10
1
Publication Order Number:
MBR20200CT/D
MBR20200CT
Switch‐mode
Power Rectifier
Dual Schottky Rectifier
Features and Benefits
Low Forward Voltage
Low Power Loss/High Efficiency
High Surge Capacity
175°C Operating Junction Temperature
20 A Total (10 A Per Diode Leg)
This is a Pb-Free Device*
Applications
Power Supply − Output Rectification
Power Management
Instrumentation
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets UL 94, V−0 @ 0.125 in
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperatures for Soldering Purposes: 260°C Max. for
10 Seconds
ESD Rating: Human Body Model 3B
Machine Model C
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES, 200 VOLTS
1
3
2, 4
http://onsemi.com
MBR20200CTG
TO−220
(Pb−Free)
50 Units / Rail
TO−220
CASE 221A
PLASTIC
STYLE 6
3
4
1
2
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
AKA
= Diode Polarity
AYWW
MBR20200CTG
AKA


Similar Part No. - MBR20200CT_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR20200CT FAIRCHILD-MBR20200CT_10 Datasheet
230Kb / 4P
   Dual High Voltage Schottky Rectifier
logo
Micro Commercial Compon...
MBR20200CT MCC-MBR20200CT_15 Datasheet
373Kb / 3P
   20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
More results

Similar Description - MBR20200CT_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30H100CTG ONSEMI-MBR30H100CTG Datasheet
87Kb / 8P
   Switch?릑ode Power Rectifier
July, 2016 ??Rev. 6
BYW51-200 ONSEMI-BYW51-200_14 Datasheet
95Kb / 5P
   Switch?릑ode Power Rectifier
November, 2014 ??Rev. 4
MBR60L45CTG ONSEMI-MBR60L45CTG_15 Datasheet
103Kb / 6P
   Switch?릑ode Power Rectifier
January, 2015 ??Rev. 4
MBR3045ST ONSEMI-MBR3045ST_14 Datasheet
94Kb / 5P
   Switch?릑ode Power Rectifier
September, 2014 ??Rev. 9
MBR2535CTG ONSEMI-MBR2535CTG_14 Datasheet
94Kb / 4P
   Switch?릑ode Power Rectifiers
September, 2014 ??Rev. 15
BUX85G ONSEMI-BUX85G_15 Datasheet
72Kb / 5P
   Switch?릑ode NPN Silicon Power Transistors
March, 2015 ??Rev. 18
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
MURF1660CTG ONSEMI-MURF1660CTG_14 Datasheet
102Kb / 4P
   Switch-mode Power Rectifier
February, 2014 ??Rev. 6
MBRP20030CTL ONSEMI-MBRP20030CTL Datasheet
131Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MURD340T4G ONSEMI-MURD340T4G Datasheet
65Kb / 4P
   Switch-mode PowerRectifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com