Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2L4805S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2L4805S
Description  2W Isolated Wide Input Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L4805S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2L4805S Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L4805S Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L4805S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:0086-2082019000
EMAIL:sales2@gztoppower.com
Page 2 / 3
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTES
External capacitance
These converters will work without external capacitors, in order to
guarantee the full parametric performance over the full line and load
range we recommended you to use the value we listed at right side.
All parts have been tested and characterized using the following
values and test circuit.
Value
Input Volatage(V)
Cin
Cout
5&12
100uF,25V
100uF,25V
24&48
10uF,200V
100uF,25V
Test Circuit
Pin 8 (CS)
This pin provides a connection point to the main internal reservoir capacitor. Additional capacitance can be added between pin8 and pin 7. Any lower ESR capacitor will
remove ripple and noise.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Typ.
MAX.
Units
Voltage set point accuracy(with external input/output capacitors)
All TP2L05/12 input voltage types
±1
±3
%
Voltage set point accuracy(with external input/output capacitors)
All TP2L24/48 input voltage types
±2
±5
%
Line regulation (with external input/output capacitors)
All TP2L05/12 input types, low line to high line
0.06
0.5
%
Line regulation (with external input/output capacitors)
All TP2L24/48 input types, low line to high line
0.05
0.4
%
Load regulation (with external input/output capacitors)
All TP2L05/12 input types, minimum load to rated load
0.2
0.8
%
Load regulation (with external input/output capacitors)
All TP2L24/48 input types, minimum load to rated load
0.2
0.8
%
Shutdown power
+Vin nominal
2.8
mW
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
1000
3000
VDC
Resistance
VISO = 1000VDC
1
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
85
Storage
-50
130
Cooling
Free air convection
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
Continuous
Lead temperature 1.5mm from case for 10 seconds
300℃
Control pin input current
15mA
Input voltage 05
10V
Input voltage 12
20V
Input voltage 24
40V
Input voltage 48
80V
CIN
C OUT
+ VIN
-VIN
+ V OUT
-V OUT
TP2L
S upply+ VIN
Supp ly-V IN


Similar Part No. - TP2L4805S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L48D05S TOPPOWER-TP2L48D05S Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L48D05S-1W TOPPOWER-TP2L48D05S-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L48D05S-1W TOPPOWER-TP2L48D05S-1W Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L48D05S-2W TOPPOWER-TP2L48D05S-2W Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L48D05S-2W TOPPOWER-TP2L48D05S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L4805S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
   2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com