Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2220C106MAR1C7168 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2220C106MAR1C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C106MAR1C7168 Datasheet(HTML) 1 Page - Kemet Corporation

  C2220C106MAR1C7168 Datasheet HTML 1Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 2Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 3Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 4Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 5Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 6Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 7Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 8Page - Kemet Corporation C2220C106MAR1C7168 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016
1
One world. One KEMET
Overview
KEMET Power Solutions (KPS) Commercial Series stacked
capacitors utilize a proprietary lead-frame technology
to vertically stack one or two multilayer ceramic chip
capacitors into a single compact surface mount package.
The attached lead-frame mechanically isolates the
capacitor/s from the printed circuit board, therefore offering
advanced mechanical and thermal stress performance.
Isolation also addresses concerns for audible, microphonic
noise that may occur when a bias voltage is applied. A
two chip stack offers up to double the capacitance in
the same or smaller design footprint when compared to
traditional surface mount MLCCs devices. Providing up
to 10 mm of board flex capability, KPS Series capacitors
are environmentally friendly and in compliance with RoHS
legislation. Available in X7R dielectric, these devices are
capable of Pb-Free reflow profiles and provide lower ESR, ESL
and higher ripple current capability when compared to other
dielectric solutions.
Combined with the stability of an X7R dielectric, KEMET’s
KPS Series devices exhibit a predictable change in
capacitance with respect to time and voltage and boast a
minimal change in capacitance with reference to ambient
temperature. Capacitance change is limited to ±15% from
−55°C to +125°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Ordering Information
C
2220
C
106
M
5
R
2
C
7186
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated
Voltage
(VDC)
Dielectric Failure Rate/Design Leadframe Finish2
Packaging/
Grade
(C-Spec)
1210
1812
2220
C = Standard
Two
significant
digits +
number of
zeros
K = ±10%
M = ±20%
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
A = 250
R = X7R 1 = KPS Single
Chip Stack
2 = KPS Double
Chip Stack
C = 100% Matte Sn
See
“Packaging
C-Spec
Ordering
Options Table”
below
1
Double chip stacks ("2" in the 13th character position of the ordering code) are only available in M (±20%) capacitance tolerance. Single chip stacks
("1" in the 13th character position of the ordering code) are available in K (±10%) or M (±20%) tolerances.
2
Additional leadframe finish options may be available. Contact KEMET for details.
Benefits
• −55°C to +125°C operating temperature range
• Reliable and robust termination system
• EIA 1210, 1812, and 2220 case sizes
• DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V,
and 250 V
• Capacitance offerings ranging from 0.1 μF up to 47 μF
• Available capacitance tolerances of ±10% and ±20%
• Higher capacitance in the same footprint
• Potential board space savings
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C2220C106MAR1C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C106MAR1C7289 KEMET-C2220C106MAR1C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2220C106MAR1C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com