Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR120LSFT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR120LSFT1G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR120LSFT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MBR120LSFT1G Datasheet HTML 1Page - ON Semiconductor MBR120LSFT1G Datasheet HTML 2Page - ON Semiconductor MBR120LSFT1G Datasheet HTML 3Page - ON Semiconductor MBR120LSFT1G Datasheet HTML 4Page - ON Semiconductor MBR120LSFT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR120LSF, NRVB120LSF
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Average Rectified Forward Current
(At Rated VR, TL = 115°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 100 kHz, TL = 110°C)
IFRM
2.0
A
Non−Repetitive Peak Surge Current
(Non−Repetitive peak surge current, halfwave, single phase, 60 Hz)
IFSM
50
A
Storage Temperature
Tstg
−55 to 150
°C
Operating Junction Temperature
TJ
−55 to 125
°C
Voltage Rate of Change (Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance − Junction−to−Lead (Note 1)
Thermal Resistance − Junction−to−Lead (Note 2)
Thermal Resistance − Junction−to−Ambient (Note 1)
Thermal Resistance − Junction−to−Ambient (Note 2)
Rtjl
Rtjl
Rtja
Rtja
26
21
325
82
°C/W
1. Mounted with minimum recommended pad size, PC Board FR4.
2. Mounted with 1 in. copper pad (Cu area 700 mm2).
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3), See Figure 2
VF
TJ = 25°C
TJ = 85°C
V
(IF = 0.1 A)
(IF = 1.0 A)
(IF = 3.0 A)
0.34
0.45
0.65
0.26
0.415
0.67
Maximum Instantaneous Reverse Current (Note 3), See Figure 4
IR
TJ = 25°C
TJ = 85°C
mA
(VR = 20 V)
(VR = 10 V)
0.40
0.10
25
18
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2%.


Similar Part No. - MBR120LSFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR120LSFT1G ONSEMI-MBR120LSFT1G Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1G ONSEMI-MBR120LSFT1G Datasheet
139Kb / 6P
   Surface Mount Schottky Power Rectifier
August, 2014 - Rev. 4
More results

Similar Description - MBR120LSFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com