Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVB140SFT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NRVB140SFT1G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB140SFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NRVB140SFT1G Datasheet HTML 1Page - ON Semiconductor NRVB140SFT1G Datasheet HTML 2Page - ON Semiconductor NRVB140SFT1G Datasheet HTML 3Page - ON Semiconductor NRVB140SFT1G Datasheet HTML 4Page - ON Semiconductor NRVB140SFT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR140SF, NRVB140SF
http://onsemi.com
4
Figure 7. Capacitance
Figure 8. Typical Operating Temperature
Derating*
30
0
VR, DC REVERSE VOLTAGE (VOLTS)
125
65
55
15
510
20
25
40
35
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
15
510
20
25
TJ = 25°C
40
35
75
85
95
105
115
RqJA = 25.6°C/W
130
°C/W
235
°C/W
324.9
°C/W
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any re-
verse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax − r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax − r(t)Pr,
where r(t) = Rthja. For other power applications further calculations must be performed.
Figure 9. Thermal Response
1000
0.1
0.00001
t1, TIME (sec)
1000
1
0.0001
0.001
0.01
1
10
100
0.000001
0.1
10
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
qJA = 321.8 °C/W
Test Type > Min Pad < Die Size 38x38 @ 75% mils
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01


Similar Part No. - NRVB140SFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVB140SFT1G ONSEMI-NRVB140SFT1G Datasheet
113Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2012 ??Rev. 5
NRVB140SFT1G ONSEMI-NRVB140SFT1G Datasheet
201Kb / 6P
   Surface Mount Schottky Power Rectifier
April, 2023 - Rev. 7
More results

Similar Description - NRVB140SFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com