Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2220C106M4R2C7168 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C2220C106M4R2C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C106M4R2C7168 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C2220C106M4R2C7168 Datasheet HTML 2Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 3Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 4Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 5Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 6Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 7Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 8Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 9Page - Kemet Corporation C2220C106M4R2C7168 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016
66
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Ripple Current (Arms) 2220, 22 µF, 50 V
Microphonics – 1210, 4.7 µF, 50 V, X7R
Microphonics – 2220, 47 µF, 25 V, X7R
Microphonics – 1210, 22 µF, 25 V, X7R
Microphonics – 2220, 22 µF, 50 V, X7R
Microphonics – 1210, 4.7 µF, 50 V, X7R
0
20
40
60
80
100
120
0
10
20
30
Ripple Current (Arms)
KEMET KPS, 2220, 22µF, 50V rated (2 Chip Stack)
Competitor 2220, 22µF, 50V rated (2 Chip Stack)
0
10
20
30
40
50
60
0
5
10
15
Vp-p
Competitor
KEMET - KPS
0
10
20
30
40
50
0
2
4
6
Vp-p
Standard SMD MLCC
KPS - 2 Chip Stack
0
10
20
30
40
50
0
5
10
15
20
Vp-p
Standard SMD MLCC
KPS - 2 Chip Stack
0
10
20
30
40
50
0
2
4
6
Vp-p
Standard SMD MLCC
KPS - 2 Chip Stack
0
10
20
30
40
50
60
0
5
10
15
Vp-p
Standard SMD MLCC
KPS - 1 Chip Stack
Note: Refer to Table 4 for test method.
Electrical Characteristics cont'd
Competitive Comparision


Similar Part No. - C2220C106M4R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C106M4R2C7289 KEMET-C2220C106M4R2C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2220C106M4R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com