Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2220C106K5R2C7168 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C2220C106K5R2C7168
Description  KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C106K5R2C7168 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C2220C106K5R2C7168 Datasheet HTML 5Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 6Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 7Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 8Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 9Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 10Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 11Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 12Page - Kemet Corporation C2220C106K5R2C7168 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1020_X7R_KPS_SMD • 8/11/2016
99
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
KPS Series, X7R Dielectric, 10 – 250 VDC (Commercial Grade)
Table 3 – KPS Land Pattern Design Recommendations (mm)
EIA SIZE
CODE
METRIC
SIZE
CODE
Median (Nominal) Land
Protrusion
C
Y
X
V1
V2
1210
3225
1.50
1.14
1.75
5.05
3.40
1812
4532
2.20
1.35
2.87
6.70
4.50
2220
5650
2.69
2.08
4.78
7.70
6.00
Image at right based on an EIA 1210 case size.
Soldering Process
KEMET’s KPS Series devices are compatible with IR
reflow techniques. Preheating of these components is
recommended to avoid extreme thermal stress. KEMET's
recommended profile conditions for IR reflow reflect the
profile conditions of the IPC/J–STD–020D standard for
moisture sensitivity testing.
To prevent degradation of temperature cycling capability,
care must be taken to prevent solder from flowing into
the inner side of the lead frames (inner side of "J" lead in
contact with the circuit board).
After soldering, the capacitors should be air cooled to
room temperature before further processing. Forced air
cooling is not recommended.
Hand soldering should be performed with care due to the
difficulty in process control. If performed, care should be
taken to avoid contact of the soldering iron to the capacitor
body. The iron should be used to heat the solder pad,
applying solder between the pad and the lead, until reflow
occurs. Once reflow occurs, the iron should be removed
immediately. (Preheating is required when hand soldering to
avoid thermal shock.)
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (T
Smin)
100°C
150°C
Temperature Maximum (T
Smax)
150°C
200°C
Time (t
s) from Tsmin to Tsmax)
60 – 120 seconds
60 – 120 seconds
Ramp-up Rate (T
L to TP)
3°C/seconds maximum 3°C/seconds maximum
Liquidous Temperature (T
L)
183°C
217°C
Time Above Liquidous (t
L)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (T
P)
235°C
250°C
Time within 5°C of Maximum
Peak Temperature (t
P)
20 seconds maximum
10 seconds maximum
Ramp-down Rate (T
P to TL)
6°C/seconds maximum 6°C/seconds maximum
Time 25°C to Peak
Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/sec
Maximum Ramp Down Rate = 6ºC/sec
t
P
t
L
t
s
25ºC to Peak
Y
C
C
X
X
V2
Grid Placement Courtyard
Y
V1


Similar Part No. - C2220C106K5R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C106K5R2C7289 KEMET-C2220C106K5R2C7289 Datasheet
3Mb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2220C106K5R2C7168

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C476M3R2CTU KEMET-C2220C476M3R2CTU Datasheet
4Mb / 18P
   KPS Series, X7R Dielectric, 10 ??250 VDC (Automotive Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C2220C225MAR2CT500 KEMET-C2220C225MAR2CT500 Datasheet
2Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) KPS Series, X7R Dielectric, 10 ??250 VDC (Commercial Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2220C105MAR1C7186 KEMET-C2220C105MAR1C7186 Datasheet
77Kb / 1P
   KPS SMD Comm X7R, Ceramic, Commercial Grade, 1 uF, 20%, 250 VDC, X7R, 2220-1
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com