Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40070 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40070
Description  HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40070 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40070 Datasheet HTML 2Page - Texas Instruments TPS40070 Datasheet HTML 3Page - Texas Instruments TPS40070 Datasheet HTML 4Page - Texas Instruments TPS40070 Datasheet HTML 5Page - Texas Instruments TPS40070 Datasheet HTML 6Page - Texas Instruments TPS40070 Datasheet HTML 7Page - Texas Instruments TPS40070 Datasheet HTML 8Page - Texas Instruments TPS40070 Datasheet HTML 9Page - Texas Instruments TPS40070 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ti.com
APPLICATION INFORMATION
MINIMUM PULSE WIDTH
SETTING THE SWITCHING FREQUENCY (PROGRAMMING THE CLOCK OSCILLATOR)
RT +
1
fSW(kHz) 17.82 10*6
* 23 kW
(1)
100
1.5
0.5
1000
200 300 400 500 600 700 800 900
1.0
3.0
2.0
2.5
4.5
3.5
4.0
5.0
MINIMUM OUTPUT VOLTAGE
vs
FREQUENCY
fOSC - Oscillator Frequency - kHz
VIN = 28 V
VIN = 24 V
VIN = 18 V
VIN = 15 V
VIN = 12 V
VIN = 10 V
VIN = 8 V
VIN = 5 V
fSW - Switching Frequency - kHz
SWITCHING FREQUENCY
vs
TIMING RESISTANCE
0
100
0
200
400
600
800
1000
200
300
400
500
600
TPS40070
TPS40071
SLUS582D–DECEMBER 2003–REVISED NOVEMBER 2004
The TPS40070 family of parts allows the user to construct synchronous voltage-mode buck converters with
inputs ranging from 4.5 V to 28 V and outputs as low as 700 mV. Predictive gate drive circuitry optimizes
switching delays for increased efficiency and improved converter output power capability. Voltage feed-forward is
employed to ease loop compensation and provide better line transient response.
A converter based on the TPS40070 operates as a single quadrant (source only) converter at all times. When
the rectifier FET is on and the controller senses that current is near zero in the inductor, the rectifier FET is
turned off, preventing the buildup of negative or reverse current in the inductor. This feature prevents the
converter from pulling energy from its output and forcing that energy onto its input.
Converters based on the TPS40071 operates as a two quadrant converter all the time (source and sink current).
This is the controller of choice for most applications.
The TPS4007x devices have limitations on the minimum pulse width that can be used to design a converter.
Reliable operation is guaranteed for nominal pulse widths of 250 ns and above. This places some restrictions on
the conversion ratio that can be achieved at a given switching frequency. Figure 1 shows minimum output
voltage for a given input voltage and frequency.
The TPS4007x has independent clock oscillator and PWM ramp generator circuits. The clock oscillator serves as
the master clock to the ramp generator circuit. Connecting a single resistor from RT to ground sets the switching
frequency of the clock oscillator. The clock frequency is related to RT by:
Figure 1.
Figure 2.
7


Similar Part No. - TPS40070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40070 TI-TPS40070 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWP TI-TPS40070PWP Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWPG4 TI-TPS40070PWPG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWPR TI-TPS40070PWPR Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWPRG4 TI-TPS40070PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com