Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9BF106NPMC-G-JNE1 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB9BF106NPMC-G-JNE1
Description  FM3 MB9B100 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB9BF106NPMC-G-JNE1 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB9BF106NPMC-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB9BF106NPMC-G-JNE1 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MB9B100 Series
PRODUCT LINEUP
Memory size
Product device
MB9BF104N/R
MB9BF105N/R
MB9BF106N/R
On-chip Flash
256Kbyte
384Kbyte
512Kbyte
On-chip RAM
32Kbyte
48Kbyte
64Kbyte
Function
Product device
MB9BF104N
MB9BF105N
MB9BF106N
MB9BF104R
MB9BF105R
MB9BF106R
Pin count
100
120
Cortex-M3
CPU
Freq.
80MHz
Power supply voltage range
2.7V to 5.5V
DMAC
8ch
External Bus Interface
Addr:25bit (Max.)
Data:8/16 bit
CS:5(Max.)
Support:SRAM, NOR Flash
Addr:25bit (Max.)
Data:8/16 bit
CS:8(Max.)
Support:SRAM, NOR & NAND Flash
MF Serial Interface
(UART/CSIO/LIN/I2C)
8ch (Max.)
Base Timer
(PWC/Reload timer/PWM/PPG)
8ch (Max.)
A/D
activation
compare
3ch
Input
capture
4ch
Free-run
timer
3ch
Output
compare
6ch
Waveform
generator
3ch
MF-
Timer
PPG
3ch
2 units (Max.)
QPRC
2ch (Max.)
Dual Timer
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1ch(SW) + 1ch(HW)
External Interrupts
16pins (Max.)+ NMI × 1
I/O ports
80pins (Max.)
100pins (Max.)
12 bit A/D converter
16ch (3 units)
CSV (Clock Super Visor)
Yes
LVD (Low Voltage Detector)
2ch
High-speed
4MHz (± 2%)
Internal
OSC
Low-speed
100kHz (Typ)
Debug Function
SWJ-DP/TPIU/ETM
Note: All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the General I/O port according to your function use.
6
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.1
DS706-00007-1v0-E


Similar Part No. - MB9BF106NPMC-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF106NPMC-G-JNE2 CYPRESS-MB9BF106NPMC-G-JNE2 Datasheet
1Mb / 109P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF106NPMC-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF104NPMC-G-JNE1 FUJITSU-MB9BF104NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106RPMC-GE1 FUJITSU-MB9BF106RPMC-GE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104RPMC-G-JNE1 FUJITSU-MB9BF104RPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104NPMC FUJITSU-MB9BF104NPMC Datasheet
210Kb / 2P
   32-bit Microcontrollers FM3 Family MB9B100 Series
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com