Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDATA3 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MDATA3
Description  FM3 MB9B100 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MDATA3 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MDATA3 Datasheet HTML 1Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 2Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 3Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 4Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 5Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 6Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 7Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 8Page - Fujitsu Component Limited. MDATA3 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MB9B100 Series
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator helps a verify data transmission or storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
Clock and Reset
[Clocks]
Five clock sources (2 ext. osc, 2 CR osc, and PLL) that are dynamically selectable.
Main Clock
: 4 to 48MHz
Sub Clock
: 32.768kHz
High-speed CR Clock : 4MHz
Low-speed CR Clock : 100kHz
PLL Clock
[Resets]
Reset requests from INITX pins, Power on reset, Software reset, watchdog timers reset, low voltage
detector reset and clock supervisor reset.
Clock Super Visor (CSV)
Clocks generated by CR oscillators are used to supervise abnormality of the external clocks.
External OSC clock failure (clock stop) is detected, reset is asserted.
External OSC frequency anomaly is detected, interrupt or reset is asserted.
Low Voltage Detector (LVD)
MB9B100 Series include 2-stage monitoring of voltage on the VCC. When the voltage falls below the
voltage has been set, Low Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low Power Mode
Three power saving modes supported.
SLEEP
TIMER
STOP
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM) provide comprehensive debug and trace facilities.
Trace Port Interface Unit (TPIU) for bridging to a Trace Port Analyzer.
Power Supply
Two Power Supplies
VCC = 2.7V to 5.5V: Correspond to the wide range voltage.
5
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.1
DS706-00007-1v0-E


Similar Part No. - MDATA3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDATL MSYSTEM-MDATL Datasheet
110Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDATA3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB9BF104NPMC-G-JNE1 FUJITSU-MB9BF104NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106RPMC-GE1 FUJITSU-MB9BF106RPMC-GE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106NPMC-G-JNE1 FUJITSU-MB9BF106NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104NPMC FUJITSU-MB9BF104NPMC Datasheet
210Kb / 2P
   32-bit Microcontrollers FM3 Family MB9B100 Series
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com