Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A136PFT-G-JN-ERE1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB39A136PFT-G-JN-ERE1
Description  2ch PFM/PWM DC/DC converter IC with synchronous rectification
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A136PFT-G-JN-ERE1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB39A136PFT-G-JN-ERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 13Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 14Page - Fujitsu Component Limited. MB39A136PFT-G-JN-ERE1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MB39A136
DS04-27262-2E
11
■ TYPICAL CHARACTERISTICS
• Typical data
(Continued)
Power dissipation
Power dissipation vs. Operating ambient temperature
Operating ambient temperature Ta (
°C)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
−50
−25
0
+25
+50
+75
+100
+125
1644
VREF bias voltage vs.
Operating ambient temperature
Error Amp threshold voltage vs.
Operating ambient temperature
Operating ambient temperature Ta (
°C)
Operating ambient temperature Ta (
°C)
3.24
3.26
3.28
3.3
3.32
3.34
3.36
-40
-20
0
+20
+40
+60
+80
+100
VCC = 15 V
fosc = 500 kHz
-40
-20
0
+20
+40
+60
+80
+100
0.69
0.695
0.7
0.705
0.71
CH1
CH2
VCC = 15 V
fosc = 500 kHz


Similar Part No. - MB39A136PFT-G-JN-ERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A136PFT CYPRESS-MB39A136PFT Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
More results

Similar Description - MB39A136PFT-G-JN-ERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A214APFT-G-JNERE1 FUJITSU-MB39A214APFT-G-JNERE1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com