Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C011APFT-G-BND-ERE1 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB39C011APFT-G-BND-ERE1
Description  2 ch DC/DC Converter IC with Synchronous Rectification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011APFT-G-BND-ERE1 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB39C011APFT-G-BND-ERE1 Datasheet HTML 5Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 6Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 7Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 8Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 9Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 10Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 11Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 12Page - Cypress Semiconductor MB39C011APFT-G-BND-ERE1 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
MB39C011A
Document Number: 002-08369 Rev. *A
Page 9 of 53
(Continued)
(Ta
25˚C, VCC 12 V)
[1] : Standard design value
Parameter
Symbol
Pin No.
Condition
Value
Unit
Min
Typ
Max
Output Block[Drive1 to
2]
Output source
current
ISOURCE
2, 15
OUT1-1
 7 V
OUT2-1
 7 V
Duty
 5
-
 500[1]
-
mA
3, 14
VB
 VCC  5 V
OUT1-2
 0 V
OUT2-2
 0 V
Duty
 5
Output sink current
ISINK
2, 15
VCC
 5 V,
At connect VH-GND
OUT1-1
 5 V
OUT2-1
 5 V
Duty
 5
-
500[1]
-
mA
3, 14
OUT1-2
 5 V
OUT2-2
 5 V
Duty
 5
Output on resistor
ROH
2, 3,
14, 15
OUT1-1, OUT1-2,
OUT2-1, OUT2-2
  45
mA
-
4.0
6.0
ROL
2, 15
OUT1-1, OUT2-1
 45
mA
-
4.0
6.0
3, 14
OUT1-2, OUT2-2
 45
mA
-
2.6
3.9
Dead time
td
2, 3,
14, 15
OUT1-1, OUT2-1 : H→L
OUT1-2, OUT2-2 : H→L
20
40
80
ns
OUT1-1, OUT2-1 : L →H
OUT1-2, OUT2-2: L →H
Control Block
CTL input voltage
VIH
13
IC active mode
2
-
17
V
VIL
13
IC standby mode
0
-
0.8
V
Input current
ICTLH
13
CTL
 5 V
-
50
100
A
ICTLL
13
CTL
 0 V
--
1
A
General
Standby current
ICCS
1CTL
 0 V
-
010
A
Power supply
current
ICC
1CTL
 5 V
-
2.2
3.3
mA


Similar Part No. - MB39C011APFT-G-BND-ERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011AEVB-01 CYPRESS-MB39C011AEVB-01 Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
More results

Similar Description - MB39C011APFT-G-BND-ERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
   5-Channel DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com