Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39C011APFT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB39C011APFT
Description  2 ch DC/DC Converter IC with Synchronous Rectification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C011APFT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB39C011APFT Datasheet HTML 2Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 3Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 4Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 5Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 6Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 7Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 8Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 9Page - Cypress Semiconductor MB39C011APFT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
MB39C011A
Document Number: 002-08369 Rev. *A
Page 6 of 53
4. Absolute Maximum Ratings
[1] : When mounted on a 10 cm square double-sided epoxy circuit board.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage
VCC
VCC pin
-
18
V
Input voltage
VB
VB pin (When VCC pin connected to VB pin)
-
7V
VINE
-INE1, -INE2 pins
 0.3
VB
V
VCTL
CTL pin
-
18
V
Output current
IO
OUT1-1, OUT1-2, OUT2-1, OUT2-2 pins
-
60
mA
Peak output current
IOP
Duty
 5 (t  1/fosc
Duty)
-
700
mA
Power dissipation
PD
Ta
  25
˚C
-
1060[1]
mW
Storage temperature
TSTG
-
 55
 125
˚C


Similar Part No. - MB39C011APFT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
MB39C011AEVB-01 CYPRESS-MB39C011AEVB-01 Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
More results

Similar Description - MB39C011APFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
   5-Channel DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com