Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61107PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61107PW
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61107PW Datasheet(HTML) 2 Page - Texas Instruments

  TPS61107PW Datasheet HTML 1Page - Texas Instruments TPS61107PW Datasheet HTML 2Page - Texas Instruments TPS61107PW Datasheet HTML 3Page - Texas Instruments TPS61107PW Datasheet HTML 4Page - Texas Instruments TPS61107PW Datasheet HTML 5Page - Texas Instruments TPS61107PW Datasheet HTML 6Page - Texas Instruments TPS61107PW Datasheet HTML 7Page - Texas Instruments TPS61107PW Datasheet HTML 8Page - Texas Instruments TPS61107PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
DESCRIPTION
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
The TPS6110x devices provide a complete power supply solution for products powered by either one or two
Alkaline, NiCd, or NiMH battery cells. The converter generates two stable output voltages that are either adjusted
by an external resistor divider or fixed internally on the chip. It stays in operation with supply voltages down to
0.8 V. The implemented boost converter is based on a fixed frequency, pulse-width-modulation (PWM) controller
using a synchronous rectifier to obtain maximum efficiency.
The maximum peak current in the boost switch is limited to a value of 1800 mA.
The converter can be disabled to minimize battery drain. During shutdown, the load is completely disconnected
from the battery. An auto discharge function allows discharging the output capacitors during shutdown mode.
This is especially useful in microcontroller applications where the microcontroller or microprocessor should not
remain active due to the stored voltage on the output capacitors. Programming the ADEN-pin disables this
feature. A low-EMI mode is implemented to reduce ringing and in effect lower radiated electromagnetic energy
when the converter enters the discontinuous conduction mode. A power good output at the boost stage provides
additional control of cascaded power supply components.
The built-in LDO can be used for a second output voltage derived either from the boost output or directly from
the battery. The output voltage of this LDO can be programmed by an external resistor divider or is fixed
internally on the chip. The LDO can be enabled separately i.e., using the power good of the boost stage.
The device is packaged in a 20-pin TSSOP (20 PW) package or in a 24-pin QFN (24 RGE) package.
AVAILABLE PACKAGE OPTIONS
PACKAGE
CODE
20-Pin TSSOP
PW
24-Pin QFN
RGE
AVAILABLE OUTPUT VOLTAGE OPTIONS
OUTPUT
OUTPUT
TA
VOLTAGE
VOLTAGE
PART NUMBER(1)
PART NUMBER(1)
DC/DC
LDO
Adjustable
Adjustable
TPS61100PW
TPS61100RGE
3.3 V
Adjustable
TPS61103PW
TPS61103RGE
40
°C to 85°C
3.3 V
1.5 V
TPS61106PW
TPS61106RGE
3.3 V
1.8 V
TPS61107PW
TPS61107RGE
(1)
The PW package is available taped and reeled. Add R suffix to device type (e.g., TPS61100PWR) to
order quantities of 2000 devices per reel. The RGE package is only available in reels. Add R suffix to
device type (e.g. TPS61100RGER) to order quantities of 3000 devices per reel.
2


Similar Part No. - TPS61107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61107PW TI1-TPS61107PW Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61107PWG4 TI1-TPS61107PWG4 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61107PWR TI1-TPS61107PWR Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61107PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com