Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS30A153DA063 Datasheet(PDF) 7 Page - Kemet Corporation

Part # ALS30A153DA063
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS30A153DA063 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button ALS30A153DA063 Datasheet HTML 3Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 4Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 5Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 6Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 7Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 8Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 9Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 10Page - Kemet Corporation ALS30A153DA063 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4031_ALS30_31 • 8/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – ALS30/31 Series, +85°C
Table 1 – Ratings & Part Number Reference
(1) Mounting Code: 0 = plain can, 1 = threaded mounting stud
(2) Termination Code: See Termination Tables for available options
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
85°C (A)
10 kHz
85°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
25
15000
DA
36 x 52
8.2
8.7
24
20
ALS3(1)(2)153DA025
25
22000
DB
36 x 62
9.9
10.4
17
15
ALS3(1)(2)223DB025
25
33000
DE
36 x 82
13.2
13.9
11
10
ALS3(1)(2)333DE025
25
47000
DF
36 x 105
16.6
17.4
9
7
ALS3(1)(2)473DF025
25
68000
KE
51 x 82
15.6
16.9
11
10
ALS3(1)(2)683KE025
25
100000
KF
51 x 105
19.6
20.6
9
8
ALS3(1)(2)104KF025
25
150000
ND
77 x 75
17.9
18.1
11
11
ALS3(1)(2)154ND025
25
150000
MF
66 x 105
28.4
28.9
6
6
ALS3(1)(2)154MF025
25
220000
QC
90 x 67
21.9
22.6
9
8
ALS3(1)(2)224QC025
25
220000
QD
90 x 75
18.7
18.8
12
12
ALS3(1)(2)224QD025
25
220000
NF
77 x 105
28.1
30.8
6
6
ALS3(1)(2)224NF025
25
330000
QH
90 x 98
26.4
26.5
8
8
ALS3(1)(2)334QH025
25
330000
NP
77 x 146
37.3
39.6
5
5
ALS3(1)(2)334NP025
25
470000
QP
90 x 146
43.6
43.9
4
4
ALS3(1)(2)474QP025
25
470000
NT
77 x 220
45.8
47
4
4
ALS3(1)(2)474NT025
25
680000
QT
90 x 220
55.4
56.7
4
4
ALS3(1)(2)684QT025
40
10000
DA
36 x 52
7.9
8.4
23
20
ALS3(1)(2)103DA040
40
15000
DB
36 x 62
9.5
10
17
14
ALS3(1)(2)153DB040
40
22000
DE
36 x 82
12.7
13.3
11
10
ALS3(1)(2)223DE040
40
33000
KE
51 x 82
14.2
16.7
12
11
ALS3(1)(2)333KE040
40
47000
KE
51 x 82
14.2
16.7
12
11
ALS3(1)(2)473KE040
40
68000
KF
51 x 105
18
20.6
10
9
ALS3(1)(2)683KF040
40
100000
ND
77 x 75
16.4
16.5
13
12
ALS3(1)(2)104ND040
40
100000
MF
66 x 105
26.3
26.6
7
6
ALS3(1)(2)104MF040
40
100000
QC
90 x 67
23
24.8
8
7
ALS3(1)(2)104QC040
40
100000
QD
90 x 75
20.3
20.4
10
10
ALS3(1)(2)104QD040
40
150000
NF
77 x 105
26.8
30.2
8
8
ALS3(1)(2)154NF040
40
150000
QH
90 x 98
28.6
28.9
7
7
ALS3(1)(2)154QH040
40
220000
NP
77 x 146
35.4
39.6
6
5
ALS3(1)(2)224NP040
40
220000
QP
90 x 146
46.5
47
4
4
ALS3(1)(2)224QP040
40
330000
NT
77 x 220
45
46.5
4
4
ALS3(1)(2)334NT040
40
470000
QT
90 x 220
52.3
53.4
4
4
ALS3(1)(2)474QT040
63
4700
DA
36 x 52
6.7
7.4
36
28
ALS3(1)(2)472DA063
63
6800
DB
36 x 62
8.2
9
26
20
ALS3(1)(2)682DB063
63
10000
DE
36 x 82
10.8
11.9
17
14
ALS3(1)(2)103DE063
63
15000
DF
36 x 105
10.9
14.4
15
8
ALS3(1)(2)153DF063
63
15000
KE
51 x 82
13.9
14.4
12
11
ALS3(1)(2)153KE063
63
22000
KE
51 x 82
13.9
14.4
12
11
ALS3(1)(2)223KE063
63
33000
KF
51 x 105
17.4
18
10
9
ALS3(1)(2)333KF063
63
47000
ND
77 x 75
16.6
16.8
13
13
ALS3(1)(2)473ND063
63
47000
MF
66 x 105
26.7
26.5
8
7
ALS3(1)(2)473MF063
63
47000
QD
90 x 75
20.3
20.7
11
10
ALS3(1)(2)473QD063
63
68000
QC
90 x 67
20.9
22.4
10
9
ALS3(1)(2)683QC063
63
68000
NF
77 x 105
24.7
26.4
8
8
ALS3(1)(2)683NF063
63
68000
QH
90 x 98
28.9
29.6
8
7
ALS3(1)(2)683QH063
63
100000
NP
77 x 146
34.8
35.4
6
6
ALS3(1)(2)104NP063
63
150000
QP
90 x 146
40.2
40.7
5
5
ALS3(1)(2)154QP063
63
150000
NT
77 x 220
43.3
45.1
4
4
ALS3(1)(2)154NT063
63
220000
QT
90 x 220
52.4
54.3
4
4
ALS3(1)(2)224QT063
100
2200
DA
36 x 52
4.9
5.4
69
55
ALS3(1)(2)222DA100
100
3300
DB
36 x 62
6
6.6
49
39
ALS3(1)(2)332DB100
100
4700
DE
36 x 82
7.9
8.8
33
27
ALS3(1)(2)472DE100
100
6800
DF
36 x 105
10
11.1
23
19
ALS3(1)(2)682DF100
100
10000
KE
51 x 82
10.1
10.5
28
24
ALS3(1)(2)103KE100
100
15000
KF
51 x 105
12.6
13.1
20
18
ALS3(1)(2)153KF100
100
22000
ND
77 x 75
12
12.2
25
24
ALS3(1)(2)223ND100
100
22000
MF
66 x 105
18.4
19.1
13
12
ALS3(1)(2)223MF100
100
22000
QC
90 x 67
18.9
20.9
15
13
ALS3(1)(2)223QC100
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number


Similar Part No. - ALS30A153DA063

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A153KE063 KEMET-ALS30A153KE063 Datasheet
75Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.015 F, 20%, 63 V, -40/85C
More results

Similar Description - ALS30A153DA063

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com