Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS30A153DA415 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ALS30A153DA415
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS30A153DA415 Datasheet(HTML) 3 Page - Kemet Corporation

  ALS30A153DA415 Datasheet HTML 1Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 2Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 3Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 4Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 5Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 6Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 7Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 8Page - Kemet Corporation ALS30A153DA415 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4031_ALS30_31 • 8/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – ALS30/31 Series, +85°C
Test Method & Performance
Endurance Life Test
Conditions
Performance
Temperature
+85°C
Test Duration
5,000 hours
Ripple Current
Rated ripple current specified in table
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the rated voltage of the capacitor
Performance
The following specifications will be satisfied when the capacitor is tested at +20°C:
Capacitance Change
≤ 160 V
Within 15% of the initial value
> 160 V
Within 10% of the initial value
Equivalent Series Resistance
Does not exceed 200% of the initial value
Leakage Current
Does not exceed leakage current limit
Dimensions – Millimeters
Size Code
Dimensions in mm
Mounting
Clip
Approximate
Weight
Grams
D
L
LT
S
V
Mounting Stud
(M x H)
±1
±2
±1
±0.5
Nominal
±1
DA
36
52
58.5
12.8
8
M8 x 12
V3/H2/2736
75
DB
36
62
67.5
12.8
8
M8 x 12
V3/H2/2736
90
DE
36
82
87.5
12.8
8
M8 x 12
V3/H2/2736
115
DF
36
105
111.5
12.8
8
M8 x 12
V3/H2/2736
140
KE
51
82
86.5
22.2
13.7
M12 x 16
V4/2737
220
KF
51
105
110.5
22.2
13.7
M12 x 16
V4/2737
300
LF
63.5
105
110.5
28.5
15.8
M12 x 16
V8
485
MF
66
105
110.5
28.5
15.8
M12 x 16
V10/2738
505
MJ
66
115
119
28.5
15.8
M12 x 16
V10/2738
540
ND
77
75
79.5
31.8
19
M12 x 16
V11
495
NF
77
105
110.5
31.8
19
M12 x 16
V11
690
NJ
77
115
119
31.8
19
M12 x 16
V11
766
NP
77
146
150.5
31.8
19
M12 x 16
V11
960
NT
77
220
224.5
31.8
19
M12 x 16
V11
1450
QC
90
67
71.5
31.8
25
M12 x 16
V90
615
QD
90
75
79.5
31.8
25
M12 x 16
V90
690
QH
90
98
103.5
31.8
25
M12 x 16
V90
900
QP
90
146
149.5
31.8
25
M12 x 16
V90
1345
QT
90
220
223.5
31.8
25
M12 x 16
V90
2000
Note: Dimensions include sleeving. LT listed is for A-type termination code. Information for other termination codes is available upon request.


Similar Part No. - ALS30A153DA415

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A153KE063 KEMET-ALS30A153KE063 Datasheet
75Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.015 F, 20%, 63 V, -40/85C
More results

Similar Description - ALS30A153DA415

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com