Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS31A153DA415 Datasheet(PDF) 11 Page - Kemet Corporation

Part # ALS31A153DA415
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS31A153DA415 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button ALS31A153DA415 Datasheet HTML 6Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 7Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 8Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 9Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 10Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 11Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 12Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 13Page - Kemet Corporation ALS31A153DA415 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4031_ALS30_31 • 8/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – ALS30/31 Series, +85°C
Mechanical Data
Polarity and Reversed Voltage
Aluminium Electrolytic capacitors manufactured for use in DC applications contain an anode foil and a cathode foil. As such,
they are polarized devices and must be connected with the +ve to the anode foil and the -ve to the cathode foil. If this were
to be reversed then the electrolytic process that took place in forming the oxide layer on the anode would be recreated in
trying to form an oxide layer on the cathode. In forming the cathode foil in this way, heat would be generated and gas given
off within the capacitor, usually leading to catastrophic failure.
The cathode foil already possesses a thin stabilized oxide layer. This thin oxide layer is equivalent to a forming voltage
of approximately 2 V. As a result, the capacitor can withstand a voltage reversal of up to 2 V for short periods. Above this
voltage, the formation process will commence. Aluminium Electrolytic capacitors can also be manufactured for use in
intermittent AC applications by using two anode foils in place of one anode and one cathode.
Mounting Position
The capacitor can be mounted in any position as long as the safety vent can operate. It is possible for some electrolyte to be
expelled. As this is a conducting liquid, suitable precautions should be initiated by the system designer to avoid secondary
short circuits.
The capacitors are designed to be mounted in free air and are not suitable for submersion in liquid.
Low Inductance Version
A low inductance version of the ALS30/31 capacitors can be designed upon request, typically reducing the inductance by up
to 40% of the standard capacitor's inductance. It is available in 77 & 90 mm diameters.
Insulating Resistance
≥ 100 MΩ at 100 VDC across insulating sleeve. UL recognized sleeving is available for custom parts in this range, upon
request.
(UL No. E358957)
Voltage Proof
≥ 2,500 VDC across insulating sleeve
Safety Vent
A safety vent for overpressure is featured on terminal deck. This is in the form of a rubber plug designed to relieve build-up
of internal pressure due to overstress or catastrophic failure.


Similar Part No. - ALS31A153DA415

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS31A102KF450 KEMET-ALS31A102KF450 Datasheet
80Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 1000 uF, 20%, 450 V, -40/85C
ALS31A103DA040 KEMET-ALS31A103DA040 Datasheet
79Kb / 1P
   ALS31, Aluminum Electrolytic, 85C, 0.01 F, 20%, 40 V, -40/85C
ALS31A103DE063 KEMET-ALS31A103DE063 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 63 V, -40/85C
ALS31A103KE100 KEMET-ALS31A103KE100 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 100 V, -40/85C
ALS31A103NF200 KEMET-ALS31A103NF200 Datasheet
79Kb / 1P
   Aluminum Electrolytic, 85C, ALS31, 0.01 F, 20%, 200 V, -40/85C
More results

Similar Description - ALS31A153DA415

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com