Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS30A153DA450 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS30A153DA450
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS30A153DA450 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS30A153DA450 Datasheet HTML 1Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 2Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 3Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 4Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 5Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 6Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 7Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 8Page - Kemet Corporation ALS30A153DA450 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4031_ALS30_31 • 8/30/2016
One world. One KEMET
Benefits
• Compact size
• Long life, up to 20,000 hours at +85°C (V
R, IR applied)
• High ripple current
• Excellent surge voltage capability
• Optimized designs available upon request
Overview
KEMET's ALS30/31 Series of screw terminal capacitors
covers a wide range of case sizes and voltage ratings
featuring high ripple currents and long-life performance.
They are ideally suited for industrial and commercial
applications demanding high reliability and long-life
expectancy such as frequency converters, uninterruptible
power supply (UPS) systems and switch mode power
supplies (SMPS).
Applications
Typical applications for KEMET's ALS30/31 Series of
capacitors include smoothing, energy storage or pulse
operation in telecommunication demanding power supplies,
process control, AC motor control, traction, welding, and
measuring.
Screw Terminal Aluminum Electrolytic Capacitors
ALS30/31 Series, +85°C
Part Number System
ALS3
0
A
153
DA
025
Series
Stud Option
Termination
Capacitance Code
(µF)
Size Code
Rated Voltage (VDC)
Screw Terminal
Aluminum
Electrolytic
0 = Plain Can
1 = Threaded
mounting stud
See Termination
Table
First two digits
represent
significant
figures. Third digit
specifies number
of zeros.
See Dimension
Table
025 = 25
040 = 40
063 = 63
100 = 100
200 = 200
250 = 250
350 = 350
400 = 400
415 = 415
450 = 450
500 = 500
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - ALS30A153DA450

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A153KE063 KEMET-ALS30A153KE063 Datasheet
75Kb / 1P
   ALS30, Aluminum Electrolytic, 85C, 0.015 F, 20%, 63 V, -40/85C
More results

Similar Description - ALS30A153DA450

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com