Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1208D0C Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9K1208D0C
Description  64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1208D0C Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9K1208D0C Datasheet HTML 6Page - Samsung semiconductor K9K1208D0C Datasheet HTML 7Page - Samsung semiconductor K9K1208D0C Datasheet HTML 8Page - Samsung semiconductor K9K1208D0C Datasheet HTML 9Page - Samsung semiconductor K9K1208D0C Datasheet HTML 10Page - Samsung semiconductor K9K1208D0C Datasheet HTML 11Page - Samsung semiconductor K9K1208D0C Datasheet HTML 12Page - Samsung semiconductor K9K1208D0C Datasheet HTML 13Page - Samsung semiconductor K9K1208D0C Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
FLASH MEMORY
10
K9K1216D0C
K9K1216U0C
K9K1208D0C
K9K1208U0C
K9K1208Q0C
K9K1216Q0C
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
Parameter
Symbol
Test Conditions
K9K12XXX0C
Unit
1.8V
2.65V
3.3V
Min Typ Max Min Typ Max Min Typ Max
Operat-
ing
Current
Sequential
Read
ICC1
tRC=50ns, CE=VIL
IOUT=0mA
-10
20
-
10
20
-
10
30
mA
Program
ICC2-
-
10
20
-
10
20
-
10
40
Erase
ICC3-
-
10
20
-
10
20
-
10
40
Stand-by Current(TTL)
ISB1
CE=VIH, WP=LOCKPRE=0V/VCC
--
1
-
-
1
-
-
1
Stand-by Cur-
rent(CMOS)
ISB2CE=VCC-0.2, WP=LOCKPRE=0V/VCC
-10
50
-
10
50
-
10
50
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±10
-
-
±10
-
-
±10
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±10
-
-
±10
-
-
±10
Input High Voltage
VIH*
I/O pins
VCCQ
-0.4
-
VCCQ
+0.3
VCCQ
-0.4
-
VCCQ
+0.3
2.0
-
VCCQ
+0.3
V
Except I/O pins
VCC
-0.4
-
Vcc
+0.3
VCC
-0.4
-
VCC
+0.3
2.0
-
VCC
+0.3
Input Low Voltage, All
inputs
VIL*
-
-0.3
-
0.4
-0.3
-
0.5 -0.3
-
0.8
Output High Voltage
Level
VOH
K9K12XXQ0C :IOH=-100
µA
K9K12XXD0C :IOH=-100
µA
K9K12XXU0C :IOH=-400
µA
VCCQ
-0.1
--
VCCQ
-0.4
--
2.4
-
-
Output Low Voltage
Level
VOL
K9K12XXQ0C :IOL=100uA
K9K12XXD0C :IOL=100
µA
K9K12XXU0C :IOL=2.1mA
-
-
0.1
-
-
0.4
-
-
0.4
Output Low Current(R/B)IOL(R/B)
K9K12XXQ0C :VOL=0.1V
K9K12XXD0C :VOL=0.1V
K9K12XXU0C :VOL=0.4V
3
4
-
34-
8
10
-
mA


Similar Part No. - K9K1208D0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1208D0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com