Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB225T-40NZ Datasheet(PDF) 2 Page - Rohm

Part # RB225T-40NZ
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB225T-40NZ Datasheet(HTML) 2 Page - Rohm

  RB225T-40NZ Datasheet HTML 1Page - Rohm RB225T-40NZ Datasheet HTML 2Page - Rohm RB225T-40NZ Datasheet HTML 3Page - Rohm RB225T-40NZ Datasheet HTML 4Page - Rohm RB225T-40NZ Datasheet HTML 5Page - Rohm RB225T-40NZ Datasheet HTML 6Page - Rohm RB225T-40NZ Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB225T-40NZ
Electrical characteristic curves
0
5
10
15
20
25
30
35
40
45
50
AVE:27.4ns
Ta=25
C
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
10
100
1000
110
100
t
Ifsm
0
10
20
30
40
50
0
1020
3040
50
10
100
1000
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
50
100
150
200
250
300
AVE:176.0A
8.3ms
Ifsm
1cyc
510
520
530
540
550
560
0
100
200
300
400
500
600
700
800
900
1000
1
10
100
1000
10000
0
5
10
15
20
25
30
f=1MHz
0.1
1
10
100
1000
10000
100000
1000000
0
5
10
15
20
25
30
35
40
0.01
0.1
1
10
100
0
100
200
300
400
500
600
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=100mA
IF=10A
300us
time
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
Ta=-25
C
Ta=125
C
Ta=25
C
Ta=150
C
Ta=-25
C
Ta=25
C
Ta=75
C
Ta=150
C
AVE:534.5mV
Ta=25
C
IF=15A
n=30pcs
Ta=25
C
VR=40V
n=30pcs
AVE:78.7uA
2450
2460
2470
2480
2490
2500
2510
2520
2530
2540
2550
AVE:2515.6pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
DC
D=1/2
Sin(
=180)
Ta=125
C
Ta=75
C
Mounted on epoxy board
2/3
2016.09 - Rev.A


Similar Part No. - RB225T-40NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB225T-40 ROHM-RB225T-40 Datasheet
312Kb / 4P
   Schottky Barrier Diode
RB225T-40 ROHM-RB225T-40 Datasheet
992Kb / 4P
   Schottky Barrier Diode
RB225T-40 ROHM-RB225T-40_11 Datasheet
992Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB225T-40NZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com