Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1216U0C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9K1216U0C
Description  64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1216U0C Datasheet(HTML) 3 Page - Samsung semiconductor

  K9K1216U0C Datasheet HTML 1Page - Samsung semiconductor K9K1216U0C Datasheet HTML 2Page - Samsung semiconductor K9K1216U0C Datasheet HTML 3Page - Samsung semiconductor K9K1216U0C Datasheet HTML 4Page - Samsung semiconductor K9K1216U0C Datasheet HTML 5Page - Samsung semiconductor K9K1216U0C Datasheet HTML 6Page - Samsung semiconductor K9K1216U0C Datasheet HTML 7Page - Samsung semiconductor K9K1216U0C Datasheet HTML 8Page - Samsung semiconductor K9K1216U0C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
FLASH MEMORY
3
K9K1216D0C
K9K1216U0C
K9K1208D0C
K9K1208U0C
K9K1208Q0C
K9K1216Q0C
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
- 1.8V device(K9K12XXQ0C) : 1.70~1.95V
- 2.65V device(K9F12XXD0C) : 2.4~2.9V
- 3.3V device(K9K12XXU0C) : 2.7 ~ 3.6 V
• Organization
- Memory Cell Array
- X8 device(K9K1208X0C) : (64M + 2048K)bit x 8 bit
- X16 device(K9K1216X0C) : (32M + 1024 K)bit x 16bit
- Data Register
- X8 device(K9K1208X0C) : (512 + 16)bit x 8bit
- X16 device(K9K1216X0C) : (256 + 8)bit x16bit
• Automatic Program and Erase
- Page Program
- X8 device(K9K1208X0C) : (512 + 16)Byte
- X16 device(K9K1216X0C) : (256 + 8)Word
- Block Erase :
- X8 device(K9K1208X0C) : (16K + 512)Byte
- X16 device(K9K1216X0C) : ( 8K + 256)Word
• Page Read Operation
- Page Size
- X8 device(K9K1208X0C) : (512 + 16)Byte
- X16 device(K9K1216X0C) : (256 + 8)Word
- Random Access
: 10
µs(Max.)
- Serial Page Access : 50ns(Min.)*
*K9K1216Q0C : 60ns(Min.)
64M x 8 Bit / 32M x 16 Bit NAND Flash Memory
• Fast Write Cycle Time
- Program time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance
: 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Intelligent Copy-Back
• Unique ID for Copyright Protection
• Package
- K9K12XXX0C-GCB0/GIB0
63- Ball FBGA ( 9 x 11 /0.8mm pitch , Width 1.2 mm)
- K9K12XXX0C-JCB0/JIB0
63- Ball FBGA ( 9 x 11 /0.8mm pitch , Width 1.2 mm)
- Pb-free Package
Offered in 64Mx8bit or 32Mx16bit, the K9K12XXX0C is 512M bit with spare 16M bit capacity. The device is offered in 1.8V, 2.65V,
3.3V Vcc. Its NAND cell provides the most cost-effective solutIon for the solid state mass storage market. A program operation can
be performed in typical 200
µs on the 528-byte(X8 device) or 264-word(X16 device) page and an erase operation can be performed
in typical 2ms on a 16K-byte(X8 device) or 8K-word(X16 device) block. Data in the page can be read out at 50ns(K9K1216Q0C :
60ns) cycle time per byte (X8 device) or word(X16 device). The I/O pins serve as the ports for address and data input/output as well
as command input. The on-chip write control automates all program and erase functions including pulse repetition, where required,
and internal verification and margining of data. Even the write-intensive systems can take advantage of the K9K12XXX0C
′s extended
reliability of 100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm.
The K9K12XXX0C is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable
applications requiring non-volatility.
PRODUCT LIST.
Part Number
Vcc Range
Organization
PKG Type
K9K1208Q0C-G,J
1.70 ~ 1.95V
X8
FBGA
K9K1216Q0C-G,J
X16
K9K1208D0C-G,J
2.4 ~ 2.9V
X8
K9K1216D0C-G,J
X16
K9K1208U0C-G,J
2.7 ~ 3.6V
X8
K9K1216U0C-G,J
X16


Similar Part No. - K9K1216U0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
More results

Similar Description - K9K1216U0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com