Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-BGA736B-01 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SS-BGA736B-01
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA736B-01 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SS-BGA736B-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE 4 of 5
Side View
Top View
Description: Backing Plate with Insulation Plate
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: J. Glab
Scale: -
Rev: A
Date: 10/26/06
Modified:
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
SS-BGA736B-01 Drawing
File: SS-BGA736B-01 Dwg
Note: Backing plate holes are tapped to accept 0-80 screws.
1.59mm
47.725mm
47.725mm
2.5mm typ
2.5mm typ
21.3625mm±0.025mm (x8)
Insulation Plate
Backing Plate
Ø 1.61mm±0.05mm (x8)
5mm
8.03mm
10mm sqr.
22mm
2.9mm


Similar Part No. - SS-BGA736B-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA772A-01 IRONWOOD-SS-BGA772A-01 Datasheet
287Kb / 5P
   Compression plate distributes evenly
More results

Similar Description - SS-BGA736B-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com