Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCS134 Datasheet(PDF) 8 Page - THine Electronics, Inc.

Part # THCS134
Description  I/OSpreader TSSOP28
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS134 Datasheet(HTML) 8 Page - THine Electronics, Inc.

Back Button THCS134_15 Datasheet HTML 4Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 5Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 6Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 7Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 8Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 9Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 10Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 11Page - THine Electronics, Inc. THCS134_15 Datasheet HTML 12Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
THCS134-TSSOP_Rev.1.02_E
Copyright©2015 THine Electronics, Inc.
THine Electronics, Inc.
Security E
7/19
Electrical Characteristics AC Characteristics (Latch Enable, Output Enable)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tWLE
Latch Enable(LEN_U/LEN_L/LEN)Pulse
Width
-
130
-
-
ns
tSULE
Latch Enable (LEN_U/LEN_L/LEN)Rise
Edge Setup Time
-
133
-
-
ns
tHLE
Latch Enable (LEN_U/LEN_L/LEN)Rise
Edge Hold Time
-
20
-
-
ns
tCLLEa
Latch Enable (LEN_U/LEN_L/LEN)
Clearance1
-
100
-
-
ns
tCLLEb1
Latch Enable (LEN_U/LEN_L/LEN)
Clearance2 (Uni-direction)
-
20
-
-
us
tCLLEb2 Latch Enable (LEN)Clearance2(Bi-direction)
-
40
-
-
us
tWOE
Output Enable (OEN_U/OEN_L)Pulse Width
-
50
-
-
ns
tCLOE
Output Enable (OEN_U/OEN_L)Clearance
-
50
-
-
ns
tPZO
Output Enable (OEN_U/OEN_L)Delay Time
CL=25pF
-
-
50
ns
tPOZ
Output Disable (OEN_U/OEN_L)Delay Time
CL=25pF
-
-
38
ns
Timing Chart (Latch Enable, Output Enable)
8bit Input + Latch Enable
Upper Latch Enable
(LEN_U)
Lower Latch Enable
(LEN_L)
Data Input
Upper 8bit data
Lower 8bit data
Upper 8bit data
(DATA[7:0])
tWLE
tSULE
tHLE
tCLLEb1
tCLLEa
8bit Output+ Output Enable
Upper Output Enable
(OEN_U)
Lower Output Enable
(OEN_L)
Data Output
Upper 8bit data
Lower 8bit data
(DATA[7:0])
tWOE
tCLOE
tPZO
tPOZ
When receiving new incoming data during OEN_U or OEN_L = Low, output data is updated to this new data
.


Similar Part No. - THCS134_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS134 THINE-THCS134 Datasheet
600Kb / 19P
   The THCS134 provides a function to serialize
More results

Similar Description - THCS134_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
   I/OSpreader
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
   I/OSpreader
THCS133 THINE-THCS133_15 Datasheet
496Kb / 11P
   I/OSpreader
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
   IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
NXP Semiconductors
SOT361-1_118 PHILIPS-SOT361-1_118 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 3-16 April 2013
logo
PHOENIX CONTACT
2901998 PHOENIX-2901998 Datasheet
91Kb / 5P
   Signal conditioner - MINI MCR-2-I-I
2864406 PHOENIX-2864406 Datasheet
99Kb / 5P
   Signal conditioner - MINI MCR-SL-I-I
logo
NXP Semiconductors
SOT361-1_128 PHILIPS-SOT361-1_128 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13, Turned Q2/T3 Standard product orientation Orderable part number ending ,128 or HP Ordering code (12NC) ending 128
Rev. 1-25 April 2013
logo
New Jersey Semi-Conduct...
1N482B NJSEMI-1N482B Datasheet
67Kb / 1P
   SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
   FAST RECTIFIER, 1A < I(O) / I(F) < 2A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com