Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS-SS-11-10.0 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # TS-SS-11-10.0
Description  To be used with clamshell lid sockets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

TS-SS-11-10.0 Datasheet(HTML) 1 Page - Ironwood Electronics.

  TS-SS-11-10.0 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TS-SS-11-X.X Drawing
Status: Released
Drawing: Vinayak R
Scale: N/A
Rev: C
Date: 5/7/08
Modified: 4/12/10
File: TS-SS-11-X_X Dwg
TS-SS-11-X.X Drawing
Top View
Side View
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Tolerances: All tolerances are ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
1
2
M18x1.5x6g.
Description: Torque Indicating Screw
Torque screw for 3 in lbs -10.4 in lbs.
To be used with clamshell lid sockets
Compression screw needs to be turned clockwise up to the point where
the arrow on top of the compression screw aligns with laser mark on the
compression screw bottom.
Laser Mark
TS-SS-11-3.0
TS-SS-11-3.5
TS-SS-11-4.0
TS-SS-11-4.5
TS-SS-11-5.0
TS-SS-11-5.5
Ordering
Information
Part Number
Torque (in. lbs)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TS-SS-11-6.0
TS-SS-11-6.5
TS-SS-11-7.0
TS-SS-11-7.5
6.5
7.0
7.5
8.0
TS-SS-11-8.0
TS-SS-11-8.5
TS-SS-11-9.0
TS-SS-11
-9.5
8.5
9.0
9.5
TS-SS-11
-10.0
10.0
Compression Screw Top: Clear anodized
Aluminum.
1
2
Compression Screw Bottom: Black anodized
Aluminum M18 x1.5x6g Thread. 5mm Thread ht.
Note: Screw needs to be calibrated for a specific
torque.
Use part numbers shown in the table below to
order appropriate screw
Clamshell lid socket with Torque Indicating Screw
22.27mm
44.7
Ø 36


Similar Part No. - TS-SS-11-10.0

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TS-SS-12-0.5 IRONWOOD-TS-SS-12-0.5 Datasheet
101Kb / 1P
   To be used with clamshell sockets
TS-SS-12-1.0 IRONWOOD-TS-SS-12-1.0 Datasheet
101Kb / 1P
   To be used with clamshell sockets
TS-SS-12-1.5 IRONWOOD-TS-SS-12-1.5 Datasheet
101Kb / 1P
   To be used with clamshell sockets
TS-SS-12-2.0 IRONWOOD-TS-SS-12-2.0 Datasheet
101Kb / 1P
   To be used with clamshell sockets
TS-SS-12-2.5 IRONWOOD-TS-SS-12-2.5 Datasheet
101Kb / 1P
   To be used with clamshell sockets
More results

Similar Description - TS-SS-11-10.0

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
TS-SS-03-0.5 IRONWOOD-TS-SS-03-0.5 Datasheet
74Kb / 1P
   To be used with Clamshell lid sockets
TS-SS-12-0.5 IRONWOOD-TS-SS-12-0.5 Datasheet
101Kb / 1P
   To be used with clamshell sockets
TS-SG-01-3.0 IRONWOOD-TS-SG-01-3.0 Datasheet
81Kb / 1P
   To be used with swivel lid sockets
TS-SG-02-0.5 IRONWOOD-TS-SG-02-0.5 Datasheet
29Kb / 1P
   To be used with swivel lid sockets
LS-BGA520C-05 IRONWOOD-LS-BGA520C-05 Datasheet
98Kb / 1P
   To be used with GHz sockets
GT-QFN-3000 IRONWOOD-GT-QFN-3000 Datasheet
219Kb / 4P
   Clamshell lid design
CG-QFN-7011 IRONWOOD-CG-QFN-7011 Datasheet
296Kb / 4P
   Hinged clamshell socket lid
GT-BGA-2024 IRONWOOD-GT-BGA-2024 Datasheet
309Kb / 4P
   Hinged clamshell socket lid
CG-BGA-5023 IRONWOOD-CG-BGA-5023 Datasheet
493Kb / 7P
   Hinged clamshell socket lid
CG-QFN-7006 IRONWOOD-CG-QFN-7006 Datasheet
378Kb / 4P
   Hinged clamshell socket lid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com