Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44HLGP6100AASJ Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44HLGP6100AASJ
Description  C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44HLGP6100AASJ Datasheet(HTML) 1 Page - Kemet Corporation

  C44HLGP6100AASJ Datasheet HTML 1Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 2Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 3Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 4Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 5Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 6Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 7Page - Kemet Corporation C44HLGP6100AASJ Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3054_C44H_RADIAL • 9/20/2016
1
One world. One KEMET
Benefits
• Overpressure safety device
• High peak current capability
• Long lifetime
• Self-healing
Overview
The C44H Series are a polypropylene metallized film with
cylindrical aluminium can type filled with liquid resin, screw
terminals, plastic deck and overpressure safety device.
Applications
Typical applications include commutation, power factor
correction and AC harmonic filtering.
Aluminum Can Power Film Capacitors
C44H Series, 330 – 440 VAC, 700 – 1,000 VDC,
for PFC and AC Filter
Part Number System
C44H
L
G
P
6100
A
A
S
J
Series
Rated Voltage
Case & Fixing
Bolt Code
Terminal Style
Capacitance Code (pF)
Internal Code
Internal Code
Tolerance
C44H = MKP
Capacitors for
AC filtering
L = 330 V
rms
K = 440 V
rms
G = Cylindrical
aluminum
case with M12
bolt
P = M6
Threaded Posts
R = M10
Threaded Posts
Digits 9-11 indicate the
first three digits of the
capacitance value.
Digit 8 indicates the
number of zeros to be
added.
A = Standard
Z = Special
J = 5%
K = 10%
It is not possible to manufacture every part number which could be created from coding description. Please refer to table of standard part numbers and
ask KEMET for other possibilities.


Similar Part No. - C44HLGP6100AASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 700 V, 330 V
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ_17 Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 700 V, 330 V
More results

Similar Description - C44HLGP6100AASJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44PLGR6100AASJ KEMET-C44PLGR6100AASJ_16 Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ_17 Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 700 V, 330 V
C44HLGR6400AASJ KEMET-C44HLGR6400AASJ Datasheet
75Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 400 uF, 5%, 700 V, 330 V
C44HLGR6600AASJ KEMET-C44HLGR6600AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 600 uF, 5%, 700 V, 330 V
C44HKGR6150AASJ KEMET-C44HKGR6150AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 150 uF, 5%, 1,000 V, 440 V
C44HKGR6250AASJ KEMET-C44HKGR6250AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 250 uF, 5%, 1,000 V, 440 V
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com