Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44HKGP6100AASK Datasheet(PDF) 4 Page - Kemet Corporation

Part # C44HKGP6100AASK
Description  C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44HKGP6100AASK Datasheet(HTML) 4 Page - Kemet Corporation

  C44HKGP6100AASK Datasheet HTML 1Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 2Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 3Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 4Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 5Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 6Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 7Page - Kemet Corporation C44HKGP6100AASK Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3054_C44H_RADIAL • 9/20/2016
4
Power and AC Film Capacitors – Aluminum Can Power Film Capacitors
C44H Series, 330 – 440 VAC, 700 – 1,000 VDC, for PFC and AC Filter
Table 1 – Ratings & Part Number Reference
Cap
Value
(µF)
V
rms
Un
Us
dV/dt
(V/µs)
Irms
ESL <
Rs
Rth
hs/amb
°C/W
Case
Part Number
VAC
VDC
VDC
A
nH
mW
Ø
H
100
330
700
1050
12.5
25
100
3.4
8
65
98
C44HLGP6100AASJ
200
330
700
1050
12.5
40
120
1.7
6.1
75
117
C44HLGR6200AASJ
300
330
700
1050
12.5
45
160
1.6
3.6
75
194
C44HLGR6300AASJ
400
330
700
1050
12.5
50
160
2.3
3
75
242
C44HLGR6400AASJ
500
330
700
1050
12.5
55
170
2.1
2.7
75
242
C44HLGR6500AASJ
600
330
700
1050
12.5
65
180
1.9
2.6
85
242
C44HLGR6600AASJ
100
440
1000
1500
20
30
145
4.1
5
75
142
C44HKGR6100AASJ
133
440
1000
1500
20
35
155
3.3
4.5
85
142
C44HKGR6133AASJ
133
440
1000
1500
20
40
170
1.9
4
75
194
C44HKGR6133ZASJ
150
440
1000
1500
20
45
160
1.8
3.8
75
194
C44HKGR6150AASJ
200
440
1000
1500
20
50
175
2.7
3
75
242
C44HKGR6200AASJ
250
440
1000
1500
20
55
190
2.4
2.8
85
242
C44HKGR6250AASJ
Cap
Value
VAC
VDC
VDC
dV/dt
(V/µs)
Irms
ESL
Rs
Rth hs/amb
ºC/W
Case
Part Number
1
Maximum admissible RMS current T
HS ≤ 70°C.


Similar Part No. - C44HKGP6100AASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
C44HKGR6150AASJ KEMET-C44HKGR6150AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 150 uF, 5%, 1,000 V, 440 V
C44HKGR6250AASJ KEMET-C44HKGR6250AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 250 uF, 5%, 1,000 V, 440 V
More results

Similar Description - C44HKGP6100AASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44PLGR6100AASJ KEMET-C44PLGR6100AASJ_16 Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ_17 Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 700 V, 330 V
C44HLGR6400AASJ KEMET-C44HLGR6400AASJ Datasheet
75Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 400 uF, 5%, 700 V, 330 V
C44HLGR6600AASJ KEMET-C44HLGR6600AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 600 uF, 5%, 700 V, 330 V
C44HKGR6150AASJ KEMET-C44HKGR6150AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 150 uF, 5%, 1,000 V, 440 V
C44HKGR6250AASJ KEMET-C44HKGR6250AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 250 uF, 5%, 1,000 V, 440 V
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com