Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44HKGR6100ZASK Datasheet(PDF) 5 Page - Kemet Corporation

Part # C44HKGR6100ZASK
Description  C44H Series, 330 - 440 VAC, 700 - 1,000 VDC, for PFC and AC Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44HKGR6100ZASK Datasheet(HTML) 5 Page - Kemet Corporation

  C44HKGR6100ZASK Datasheet HTML 1Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 2Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 3Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 4Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 5Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 6Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 7Page - Kemet Corporation C44HKGR6100ZASK Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3054_C44H_RADIAL • 9/20/2016
5
Power and AC Film Capacitors – Aluminum Can Power Film Capacitors
C44H Series, 330 – 440 VAC, 700 – 1,000 VDC, for PFC and AC Filter
Lifetime Expectancy/Failure Quota Graphs
Power Losses and Hot Spot Temperature Calculation
At each frequency, the Power Losses are the sum of:
1. Dielectric Power Losses
P
D(fi) = 2 * π * fi* C * V(fi)
2
* tgδ
0
which can be alternatively calculated as
P
D(fi) =
I(f
i)
2
* tgδ
0
2 * π * f
i* C
where: tgδ
0 = 2 * 10
-4
2. Joule Power Losses:
P
J(fi) = Rs * I(fi)
2
The Total Power Losses are the sum of the components at each frequency:
( )
( )
[
]
+
=
i
i
J
i
D
T
f
P
f
P
P
The Thermal Jump in the Hot Spot is:
ΔT
HS = PT * Rth-hs
The Hot Spot Temperature is:
T
HS = Ta + ΔTHS
Limits for the formulas
The limits listed below should not be exceeded:
1.
2.
T
HS = Ta + ΔTHS ≤ (THS )MAX
Where T
a is the ambient temperature (steady state temperature of the
cooling air flowing around the capacitor, measured at 100 mm of distance
from the capacitor and at a height of 2/3 height of the capacitor).
3. Maximum case temperature (T
CASE) ≤ 70°C
Example of calculation
Part Number: C44HKGR6100AASJ
Rated V
RMS = 440 [VRMS]
Rated I
RMS = 30 [A]
R
s = 4.1 [mΩ]
R
th = 5.0 [°C/W]
Fundamental Frequency F
1 = 50 [Hz]
Ripple Frequency F
2 = 7000 [Hz]
Fundamental Voltage V
1 = 440 [V~]
Ripple Current I
2 = 27 [A]
T
a = 35°C
I
1 = I(50) = 2 * π * 50 * 100 * 10
-6
* 440 = 13.8 [A]
V
2 = V(7000) = [27/(2 * π * 7000 * 100 * 10
-6
)] = 6.14 [V]
I
RMS = √(13.8
2
+ 272) = 30 ≤ 30 → Admitted
V
RMS = √(440
2
+ 6.12) = 440 ≤ 440 → Admitted
P
D(50) = 2 * π * 50 * 100 * 10
-6
* 4402 * 2 * 10-4 = 1.22 [W]
P
D(7000) = [27
2
/(2 * π * 7000 * 100 * 10-6)] * 2 * 10-4 = 0.03 [W]
P
J(50) = 3.5 * 10
-3
* [(2 *π * 50 * 100 * 10-6 * 440)2] = 0.67 [W]
P
J(7000) = 3.5 * 10
-3
* 272 = 2.55 [W]
P
T = 1.22 + 0.03 + 0.78 + 3 = 5 [W]
ΔT
HS = 5 * 5 = 25 [°C]
T
HS = Ta + ΔTHS
T
HS = 35 + 25 = 60 [°C] → OK since hot spot temperature is less
than maximum admitted
Expected Life @ T
HS = 70°C → 100,000 hours (see lifetime curve)
Expected Life @ T
HS = 60°C → 140,000 hours (see lifetime curve)
0,60
0,70
0,80
0,90
1,00
1,10
1,20
1,30
1,40
100
1.000
10.000
100.000
1.000.000
≤60°C
70°C
75°C
Lifetime curve C44H series
Hot Spot
temperature
[°C]
Lifetime Expectancy [h]
V = Operating Voltage [VAC]
V
rms = Rated Voltage [VAC]
RMS
i
i
V
f
V
2
)
(
RMS
i
i
I
f
I
2
)
(
1
10
100
1000
0,6
0,7
0,8
0,9
1
1,1
VoltageRatio [U/Urms]
FIT @ Hot Spot Temperatures
75
70
≤60


Similar Part No. - C44HKGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
More results

Similar Description - C44HKGR6100ZASK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44PLGR6100AASJ KEMET-C44PLGR6100AASJ_16 Datasheet
486Kb / 8P
   C44P/C20A Series, 330 - 1,000 VAC, 700 - 2,300 VDC, for PFC and AC Filter
C44HLGP6100AASJ KEMET-C44HLGP6100AASJ_17 Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 700 V, 330 V
C44HLGR6400AASJ KEMET-C44HLGR6400AASJ Datasheet
75Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 400 uF, 5%, 700 V, 330 V
C44HLGR6600AASJ KEMET-C44HLGR6600AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 600 uF, 5%, 700 V, 330 V
C44HKGR6150AASJ KEMET-C44HKGR6150AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 150 uF, 5%, 1,000 V, 440 V
C44HKGR6250AASJ KEMET-C44HKGR6250AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 250 uF, 5%, 1,000 V, 440 V
C44HKGR6100AASJ KEMET-C44HKGR6100AASJ Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, AC Filter, C44H, 100 uF, 5%, 1,000 V, 440 V
C44PLGR6400RASJ KEMET-C44PLGR6400RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 400 uF, 5%, 330 VAC, 700 VDC
C44PLGR6600RBSK KEMET-C44PLGR6600RBSK Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 600 uF, 10%, 330 VAC, 700 VDC
C44PLGR6100RASJ KEMET-C44PLGR6100RASJ Datasheet
108Kb / 1P
   C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 5%, 330 VAC, 700 VDC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com