Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G690L438T73 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G690L438T73
Description  Microprocessor Reset IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690L438T73 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G690L438T73 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G690L438T73 Datasheet HTML 11Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G690/G691
Global Mixed-mode Technology Inc.
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.)
Supply Current vs.Temperature
(No Load)
0
5
10
15
20
-40
-20
0
20
40
60
80
Temperature (°C)
G69_ _ 463/438/400, Vcc=5V
G69_ _ 308/293/263, Vcc=3.3V
G69_ _ 463/438/400/308/293/263, Vcc=1V
Power-down Reset Delay vs.
Temperature (G69_ _308/293/263)
0
10
20
30
40
50
60
70
-40
-20
0
20406080
Temperature (°C)
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
0
20
40
60
80
100
120
140
-40
-20
0
20406080
Temperature (°C
)
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
Normalized Reset Threshold
vs. Temperature
0.988
0.99
0.992
0.994
0.996
0.998
1
1.002
-40
-20
0
20406080
Temperature (°C)
Power-down Reset Delay vs.
Temperature (G69_ _463/438/400)
Power-up Reset Timeout
vs. Temperature
0
100
200
300
400
500
600
-40
-20
0
20406080
Temperature (°C)
G69_ _ 308/293/263
G69_ _ 463/438/400


Similar Part No. - G690L438T73

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690_15 Datasheet
35Kb / 1P
   Microprocessor Reset IC
More results

Similar Description - G690L438T73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com