Electronic Components Datasheet Search |
|
M61808JFCN Datasheet(PDF) 7 Page - MTRONPTI |
|
M61808JFCN Datasheet(HTML) 7 Page - MTRONPTI |
7 / 7 page MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321. 7 M618x Series 3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO Forcustomproductsoradditionalspecificationscontactoursalesteamat 800.762.8800 (toll free) or 605.665.9321 For more information on this product visit the MtronPTI website at www.mtronpti.com Load Circuit Load Circuit #2 - HCMOS Output Load Circuit #7 - Clipped Sine Wave Output Quality Parameters Note:CLoadincludesprobeandfixturing. C Load DUT Output Test Point 10 pF DUT Output Test Point 10K Ohms Environmental Specifications/Qualification Testing Performed Test Test Method Test Condition Electrical Characteristics InternalSpecification PerSpecification Frequency vs. Temperature InternalSpecification PerSpecification Mechanical Shock MIL-STD-202, Method 213, C 100 g’s Vibration MIL-STD-202, Method 201-204 10 g’s from 10-2000 Hz Thermal Cycle MIL-STD-883,Method1010,B -55 Deg. C to +125 Deg. C, 15 minute Dwell, 10 cycles Aging InternalSpecification 168 Hours at 105 Degrees C Gross Leak MIL-STD-202, Method 112 30 Second Immersion Fine Leak MIL-STD-202, Method 112 Must meet 1x10-8 Solderability MIL-STD-883, Method 2003 8 Hour Steam Age – Must Exhibit 95% coverage Resistance to Solvents MIL-STD-883, Method 2015 Three 1 minute soaks Physical Dimensions MIL-STD-883, Method 2016 PerSpecification Internal Visual InternalSpecification PerInternalSpecification |
Similar Part No. - M61808JFCN |
|
Similar Description - M61808JFCN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |