Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN142STE61 Datasheet(PDF) 2 Page - Rohm

Part # RN142STE61
Description  PIN diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN142STE61 Datasheet(HTML) 2 Page - Rohm

  RN142STE61 Datasheet HTML 1Page - Rohm RN142STE61 Datasheet HTML 2Page - Rohm RN142STE61 Datasheet HTML 3Page - Rohm RN142STE61 Datasheet HTML 4Page - Rohm RN142STE61 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RN142S
FORWARD VOLTAGE:VF(V)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ESD DISPERSION MAP
FORWARD CURRENT:IF(mA)
rf-IF CHARACTERISTICS
FORWARD CURRENT:IF(mA)
rf DISPERSION MAP
FREQUENCY(MHz)
Ct-f CHARACTERISTICS
FORWARD CURRENT:IF(mA)
rf DISPERSION MAP
0.1
1
10
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
0.01
0.1
1
10
100
1000
0
1020304050607080
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=150℃
0.01
0.1
1
10
0
102030
f=1MHz
0.1
1
10
100
0.1
1
10
f=10MHz
f=1MHz
f=100MHz
0.1
1
1
10
100
1000
Ta=25℃
VR=0V
800
810
820
830
840
850
AVE:825.4mV
Ta=25℃
IF=10mA
n=30pcs
0
1
2
3
4
5
6
7
8
9
10
Ta=25℃
VR=60V
n=30pcs
AVE:0.4448nA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.364pF
Ta=25℃
f=1MHz
VR=1V
n=10pcs
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
AVE:1.206Ω
Ta=25℃
f=100MHz
IF=3mA
n=10pcs
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
AVE:1.206Ω
Ta=25℃
f=100MHz
IF=3mA
n=10pcs
0
1
2
3
4
5
AVE:0.71kV
AVE:2.01kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
2/2
2011.03 - Rev.D


Similar Part No. - RN142STE61

ManufacturerPart #DatasheetDescription
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
RN142S ROHM-RN142S Datasheet
1Mb / 3P
   PIN diode
RN142S ROHM-RN142S Datasheet
1Mb / 8P
   PIN Diodes
RN142SM ROHM-RN142SM Datasheet
1Mb / 8P
   PIN Diodes
RN142S ROHM-RN142S_11 Datasheet
1Mb / 3P
   PIN diode
More results

Similar Description - RN142STE61

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com